Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM7641ARQZ-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADuM7641ARQZ-RL7
Description  1 kV RMS Six-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7641ARQZ-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADuM7641ARQZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7641ARQZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADuM7640/ADuM7641/ADuM7642/ADuM7643
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended operation
range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications are tested
with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 1.
A Grade
C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
250
40
ns
Within PWD limit
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
75
28
40
50
ns
50% input to 50% output
Pulse Width Distortion
PWD
25
2
6
ns
|tPLH − tPHL|
Change vs. Temperature
5
3
ps/°C
Propagation Delay Skew1
tPSK
20
14
ns
Channel Matching
Codirectional2
tPSKCD
25
6
12
ns
Opposing Directional3
tPSKOD
30
7
12
ns
Jitter
2
2
ns
1
tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load
within the recommended operating conditions.
2
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier.
3
Opposing directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposite sides of the
isolation barrier.
Table 2.
1 Mbps—A and C Grades
25 Mbps—C Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
No load
ADuM7640
IDD1
5.7
7.0
44
54
mA
IDD2
4.4
5.9
11
13
mA
ADuM7641
IDD1
5.5
6.8
38
46
mA
IDD2
4.6
5.7
15
19
mA
ADuM7642
IDD1
5.2
6.3
31
38
mA
IDD2
4.8
6.0
19
24
mA
ADuM7643
IDD1
4.8
6.0
24
30
mA
IDD2
5.0
6.3
22
29
mA


Similar Part No. - ADuM7641ARQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7641ARQZ-RL7 AD-ADUM7641ARQZ-RL7 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
More results

Similar Description - ADuM7641ARQZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
logo
Silicon Laboratories
SI8030AA-B-IU SILABS-SI8030AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com