Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN21A-95SBA-2PF-G Datasheet(PDF) 1 Page - Hirose Electric

Part # PCN21A-95SBA-2PF-G
Description  2mm Hard Metric Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN21A-95SBA-2PF-G Datasheet(HTML) 1 Page - Hirose Electric

  PCN21A-95SBA-2PF-G Datasheet HTML 1Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 2Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 3Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 4Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 5Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 6Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 7Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 8Page - Hirose Electric PCN21A-95SBA-2PF-G Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
2mm Hard Metric Connector
PCN21 Series
IEC 61076-4-101-compliant
NEW
2002.11
Style A
Style C
Compact PCI P2/J2, P3/J3 equivalent
Style B
sApplications
Switchboards, transmission systems, Celluler base
stations, industrial computer boards, measuring
instruments, control equipment
sProduct varieties (see page 2 for details)
sFeatures
1. IEC compliant
This 2 mm Hard Metric (HM) Connector complies with
IEC 61076-4-101. As specified by IEC Standards, 3
types are available: Style A (110 contacts), Style B (125
contacts), Style C (55 contacts) and Style M.
2. Many Variations
Products equivalent to Compact PCI standard P2/J2 (110
contacts), P3/J3 (95 contacts) and AB Type (125
contacts) are available.
3. Press-fit connection
Connectors of this series, headers and receptacles, are
designed for press fit connection.
4. Both-side, two-point contact
Receptacles feature two-point contact design for high reliability.
5. Ground Connection Supported
Contacts are lined up in rows z a b c d e f. Five rows (a
b c d e) are used for signals and two rows (z f) can be
added at both sides for use as ground.
6. 3-Stage Sequence Supported
There are 3 types of coupling portion contact lengths for
the header which permits a 3-stage sequence.
7. Coding Keys Can Be Mounted
Coding keys can be attached to style A for the purpose
of preventing incorrect insertion of the connector.
8. Two different platings are available on PCB
leads
Gold plating and Tin plating are available on PCB leads.


Similar Part No. - PCN21A-95SBA-2PF-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN2-S CUI-PCN2-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S CUI-PCN2-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - PCN21A-95SBA-2PF-G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
FCI connector
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
HM2J07PE5110N9LF FCI-CONNECTOR-HM2J07PE5110N9LF Datasheet
734Kb / 10P
   MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
logo
Adam Technologies, Inc.
2PCI-A-M-154-A-0 ADAM-TECH-2PCI-A-M-154-A-0 Datasheet
96Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-A-M-110-B-0 ADAM-TECH-2PCI-A-M-110-B-0 Datasheet
98Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-AB25-M-110-NP-B ADAM-TECH-2PCI-AB25-M-110-NP-B Datasheet
88Kb / 1P
   HEAD METRIC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com