Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM20-32PA-CFI Datasheet(PDF) 11 Page - Hirose Electric

Part # QM20-32PA-CFI
Description  QM (1.78mm-070) CONNECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

QM20-32PA-CFI Datasheet(HTML) 11 Page - Hirose Electric

Back Button QM20-32PA-CFI Datasheet HTML 6Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 7Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 8Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 9Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 10Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 11Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 12Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 13Page - Hirose Electric QM20-32PA-CFI Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image


Similar Part No. - QM20-32PA-CFI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM20 MITSUBISHI-QM20 Datasheet
76Kb / 6P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM20 MITSUBISHI-QM20 Datasheet
76Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM20 MITSUBISHI-QM20 Datasheet
76Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM200DY-24 MITSUBISHI-QM200DY-24 Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-24B MITSUBISHI-QM200DY-24B Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM20-32PA-CFI

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351820292 MOLEX4-0351820292 Datasheet
74Kb / 2P
   1.78mm (.070") Tab
0351500292 MOLEX4-0351500292 Datasheet
71Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
0351500393 MOLEX4-0351500393 Datasheet
72Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
0355250200 MOLEX5-0355250200 Datasheet
102Kb / 2P
   1.78mm (.070") Tab Multiple Female Housing, 2 Circuits
0638270500 MOLEX11-0638270500 Datasheet
36Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
ATS-6382705HM MOLEX-ATS-6382705HM Datasheet
384Kb / 6P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
01-20-14
ATS-639002000 MOLEX-ATS-639002000 Datasheet
175Kb / 5P
   Fine Adjust Applicator for 1.78mm (.070) Tab Female Crimp Terminals
11-08-07
0355244929 MOLEX5-0355244929 Datasheet
137Kb / 2P
   1.78mm (.070") Tab Multiple Male Housing With Ear, 9 Circuits
0357990492 MOLEX5-0357990492 Datasheet
94Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Housing, Female, 4 Circuits
0357990290 MOLEX5-0357990290 Datasheet
106Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Housing, Female, 2 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com