Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYP35A2 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BYP35A2
Description  Silicon Press-Fit-Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP35A2 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BYP35A2 Datasheet HTML 1Page - Diotec Semiconductor BYP35A2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
79
28.02.2002
BYP 35A05 ... BYP 35A6
BYP 35K05 ... BYP 35K6
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 35 A
V
F
< 1.1 V
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 100
:A
Thermal resistance junction to case
R
thC
< 0.8 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Replacements / Ersatztypen
New - Neu
Old - Alt
New - Neu
Old - Alt
BYP 35K05
BYP70/35
BYP 35A05
BYP75/35
BYP 35K1
BYP71/35
BYP 35A1
BYP76/35
BYP 35K2
BYP72/35
BYP 35A2
BYP77/35
BYP 35K3
BYP73/35
BYP 35A3
BYP78/35
BYP 35K4
BYP74/35
BYP 35A4
BYP79/35


Similar Part No. - BYP35A2

ManufacturerPart #DatasheetDescription
logo
Semikron International
BYP35A2 SEMIKRON-BYP35A2 Datasheet
294Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A2 DIOTEC-BYP35A2 Datasheet
72Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP35A2 SEMIKRON-BYP35A2 Datasheet
298Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A2 DIOTEC-BYP35A2 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35A2 SAMYANG-BYP35A2 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
More results

Similar Description - BYP35A2

ManufacturerPart #DatasheetDescription
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
   Silicon Press-Fit-Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35 SAMYANG-BYP35 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
KYZ35A05 DIOTEC-KYZ35A05 Datasheet
179Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
   Silicon Press-Fit-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com