Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM14PL Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SFM14PL
Description  1 Amp Super Fast Recovery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SFM14PL Datasheet(HTML) 1 Page - Nanjing International Group Co

  SFM14PL Datasheet HTML 1Page - Nanjing International Group Co SFM14PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Amp Super Fast
Recovery
Silicon Rectifier
50 to 600 Volts
Features
For Surface Mount Applications
Low Power Loss, High Efficiency
High Temp Soldering: 260 C for 10 Seconds At Terminals
Operating Temperature: -50 C to +150 C
Storage Temperature: -50 C to +150 C
Maximum Thermal Resistance; 75 C/W Junction To Ambient.
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SFM11
PL
S1
50V
35V
50V
SFM12
PL
S2
100V
70V
100V
SFM13
PL
S3
150V
105V
150V
SFM14
PL
S4
200V
140V
200V
SFM15
PL
S5
300V
210V
300V
SFM16
PL
S6
400V
2
80V
400V
SFM17
PL
S7
500V
350V
500V
SFM18
PL
S8
600V
420V
600V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Ta = 50 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SFM11
PL-14PL
SFM15
PL-16PL
SFM17
PL-18PL
VF
.95V
1.25V
1.70V
IFM = 1.0A;
Ta = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 A
100 A
Ta = 25 C
Ta = 100 C
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=4.0V
www.mccsemi.com
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
Welding Iron Temp:350oC for 3s max.
Maximum Ratings
Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates
Compliant. See ordering information)
Storage Condition: Less than 30
oC,RH<70%
Note: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
S
FM11PL THRU SFM18PL
1 Amp Super Fast Recovery


Similar Part No. - SFM14PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SFM14PL MCC-SFM14PL Datasheet
185Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
logo
Diotech Company.
SFM14PL DIOTECH-SFM14PL Datasheet
785Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - SFM14PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
DSF1A DGNJDZ-DSF1A Datasheet
336Kb / 2P
   1 Amp Super Fast Recovery
SUGC10AH DGNJDZ-SUGC10AH Datasheet
139Kb / 2P
   1 Amp Super Fast Recovery
logo
Micro Commercial Compon...
HS1K MCC-HS1K Datasheet
280Kb / 3P
   1 Amp Super Fast Recovery Rectifier 800 Volts
logo
Fuji Electric
ES1A FUJI-ES1A Datasheet
724Kb / 1P
   1 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
Central Semiconductor C...
CMR1S-01 CENTRAL-CMR1S-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1 AMP
logo
Micro Commercial Compon...
ER1VG MCC-ER1VG Datasheet
658Kb / 1P
   1 Amp Super Fast Recovery Silicon Rectifier 1400 Volts
logo
Nanjing International G...
US1001FL DGNJDZ-US1001FL Datasheet
292Kb / 3P
   1 Amp Ultra Fast Recovery
logo
List of Unclassifed Man...
1N4933 ETC-1N4933 Datasheet
764Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
MFS112 MICROSEMI-MFS112 Datasheet
102Kb / 2P
   1 AMP FAST RECOVERY RECTIFIER
logo
Fuji Electric
PR1001 FUJI-PR1001 Datasheet
769Kb / 1P
   1 AMP FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com