Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2012E-251-2P-T00 Datasheet(PDF) 4 Page - TDK Electronics

Part # ACM2012E-251-2P-T00
Description  Common Mode Filters For high-speed differential signal line, general signal line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012E-251-2P-T00 Datasheet(HTML) 4 Page - TDK Electronics

  ACM2012E-251-2P-T00 Datasheet HTML 1Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 2Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 3Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 4Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 5Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 6Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 7Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 8Page - TDK Electronics ACM2012E-251-2P-T00 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(4/9)
20160212 / cmf_commercial_signal_acm2012e_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
ACM2012E Type
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
230°C
10 to 30s
245°C
5s
t3
t1
Soaking
t2
Working
T3
T3
T4
T4
T5
T2
T1
t: Time
Soldering
Peak


Similar Part No. - ACM2012E-251-2P-T00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012E-251-2P-T00 TDK-ACM2012E-251-2P-T00 Datasheet
244Kb / 9P
   For high-speed differential signal line, general differential signal line
More results

Similar Description - ACM2012E-251-2P-T00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com