Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLZ27D Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # RLZ27D
Description  Silicon Epitaxial Planar Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLZ27D Datasheet(HTML) 3 Page - Nanjing International Group Co

  RLZ27D Datasheet HTML 1Page - Nanjing International Group Co RLZ27D Datasheet HTML 2Page - Nanjing International Group Co RLZ27D Datasheet HTML 3Page - Nanjing International Group Co RLZ27D Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RLZ Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ
at lZT
ZZT
at lZT
ZZK
at lZK
IR
at VR
Type
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
RLZ13A
12.11
12.75
10
14
10
110
0.5
0.2
10
RLZ13B
12.55
13.21
10
14
10
110
0.5
0.2
10
RLZ13C
12.99
13.66
10
14
10
110
0.5
0.2
10
RLZ15
13.8
15.6
10
16
10
110
0.5
0.2
11
RLZ15A
13.44
14.13
10
16
10
110
0.5
0.2
11
RLZ15B
13.89
14.62
10
16
10
110
0.5
0.2
11
RLZ15C
14.35
15.09
10
16
10
110
0.5
0.2
11
RLZ16
15.3
17.1
10
18
10
150
0.5
0.2
12
RLZ16A
14.8
15.57
10
18
10
150
0.5
0.2
12
RLZ16B
15.25
16.04
10
18
10
150
0.5
0.2
12
RLZ16C
15.69
16.51
10
18
10
150
0.5
0.2
12
RLZ18
16.8
19.1
10
23
10
150
0.5
0.2
13
RLZ18A
16.22
17.06
10
23
10
150
0.5
0.2
13
RLZ18B
16.82
17.7
10
23
10
150
0.5
0.2
13
RLZ18C
17.42
18.33
10
23
10
150
0.5
0.2
13
RLZ20
18.8
21.2
10
28
10
200
0.5
0.2
15
RLZ20A
18.02
18.96
10
28
10
200
0.5
0.2
15
RLZ20B
18.63
19.59
10
28
10
200
0.5
0.2
15
RLZ20C
19.23
20.22
10
28
10
200
0.5
0.2
15
RLZ20D
19.72
20.72
10
28
10
200
0.5
0.2
15
RLZ22
20.8
23.3
5
30
5
200
0.5
0.2
17
RLZ22A
20.15
21.2
5
30
5
200
0.5
0.2
17
RLZ22B
20.64
21.71
5
30
5
200
0.5
0.2
17
RLZ22C
21.08
22.17
5
30
5
200
0.5
0.2
17
RLZ22D
21.52
22.63
5
30
5
200
0.5
0.2
17
RLZ24
22.8
25.6
5
35
5
200
0.5
0.2
19
RLZ24A
22.05
23.18
5
35
5
200
0.5
0.2
19
RLZ24B
22.61
23.77
5
35
5
200
0.5
0.2
19
RLZ24C
23.12
24.31
5
35
5
200
0.5
0.2
19
RLZ24D
23.63
24.85
5
35
5
200
0.5
0.2
19
RLZ27
25.1
28.9
5
45
5
250
0.5
0.2
21
RLZ27A
24.26
25.52
5
45
5
250
0.5
0.2
21
RLZ27B
24.97
26.26
5
45
5
250
0.5
0.2
21
RLZ27C
25.63
26.95
5
45
5
250
0.5
0.2
21
RLZ27D
26.29
27.64
5
45
5
250
0.5
0.2
21
RLZ30
28
32
5
55
5
250
0.5
0.2
23
RLZ30A
26.99
28.39
5
55
5
250
0.5
0.2
23
RLZ30B
27.70
29.13
5
55
5
250
0.5
0.2
23
RLZ30C
28.36
29.82
5
55
5
250
0.5
0.2
23
RLZ30D
29.02
30.51
5
55
5
250
0.5
0.2
23
RLZ33
31
35
5
65
5
250
0.5
0.2
25
RLZ33A
29.68
31.22
5
65
5
250
0.5
0.2
25
RLZ33B
30.32
31.88
5
65
5
250
0.5
0.2
25


Similar Part No. - RLZ27D

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RLZ27D SEMTECH_ELEC-RLZ27D Datasheet
299Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - RLZ27D

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com