Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2520-2P Datasheet(PDF) 8 Page - TDK Electronics

Part # ACM2520-2P
Description  Common Mode Filters For high-speed differential signal line, general signal line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2520-2P Datasheet(HTML) 8 Page - TDK Electronics

  ACM2520-2P Datasheet HTML 1Page - TDK Electronics ACM2520-2P Datasheet HTML 2Page - TDK Electronics ACM2520-2P Datasheet HTML 3Page - TDK Electronics ACM2520-2P Datasheet HTML 4Page - TDK Electronics ACM2520-2P Datasheet HTML 5Page - TDK Electronics ACM2520-2P Datasheet HTML 6Page - TDK Electronics ACM2520-2P Datasheet HTML 7Page - TDK Electronics ACM2520-2P Datasheet HTML 8Page - TDK Electronics ACM2520-2P Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
(8/9)
20151227 / cmf_commercial_signal_acm2520_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
ACM2520-3P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
[100MHz
DC resistance
[per line]
Rated voltage
Insulation
resistance
Rated current
Part No.
(
:)min.
(
:)typ.
(
:)max.
(V)max.
(M
: )min.
(A)max.
600
800
1.6
20
10
0.15
ACM2520-801-3P-T002
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
Product No.
Manufacturer
4991A
Keysight Technologies
1
10
100
1000
10000
1000
100
1
10
Frequency (MHz)
801 Common mode
801 Differential mode


Similar Part No. - ACM2520-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2520-102-2P TDK-ACM2520-102-2P Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002 Datasheet
68Kb / 1P
   EMC Engineering Section Magnetics Business Group TDK-EPC Corporation
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002 Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
ACM2520-301-2P TDK-ACM2520-301-2P Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-301-2P-T002 TDK-ACM2520-301-2P-T002 Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
More results

Similar Description - ACM2520-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM3225-102-2P-T TDK-ACM3225-102-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line ACM series
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com