Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLZ30A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # RLZ30A
Description  Silicon Epitaxial Planar Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RLZ30A Datasheet(HTML) 2 Page - Nanjing International Group Co

  RLZ30A Datasheet HTML 1Page - Nanjing International Group Co RLZ30A Datasheet HTML 2Page - Nanjing International Group Co RLZ30A Datasheet HTML 3Page - Nanjing International Group Co RLZ30A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RLZ Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Operating Resistance
Rising Operating Resistance
Reverse Current
VZ
at lZT
ZZT
at lZT
ZZK
at lZK
IR
at VR
Type
Min. (V)
Max. (V)
(mA)
Max. (Ω)
(mA)
Max. (Ω)
(mA)
Max. (µA)
(V)
RLZ4V7C
4.68
4.93
20
25
20
900
1
5
1
RLZ5V1
4.8
5.4
20
20
20
800
1
5
1.5
RLZ5V1A
4.81
5.07
20
20
20
800
1
5
1.5
RLZ5V1B
4.94
5.2
20
20
20
800
1
5
1.5
RLZ5V1C
5.09
5.37
20
20
20
800
1
5
1.5
RLZ5V6
5.3
6
20
13
20
500
1
5
2.5
RLZ5V6A
5.28
5.55
20
13
20
500
1
5
2.5
RLZ5V6B
5.45
5.73
20
13
20
500
1
5
2.5
RLZ5V6C
5.61
5.91
20
13
20
500
1
5
2.5
RLZ6V2
5.8
6.6
20
10
20
300
1
5
3
RLZ6V2A
5.78
6.09
20
10
20
300
1
5
3
RLZ6V2B
5.96
6.27
20
10
20
300
1
5
3
RLZ6V2C
6.12
6.44
20
10
20
300
1
5
3
RLZ6V8
6.4
7.2
20
8
20
150
0.5
2
3.5
RLZ6V8A
6.29
6.63
20
8
20
150
0.5
2
3.5
RLZ6V8B
6.49
6.83
20
8
20
150
0.5
2
3.5
RLZ6V8C
6.66
7.01
20
8
20
150
0.5
2
3.5
RLZ7V5
7
7.9
20
8
20
120
0.5
0.5
4
RLZ7V5A
6.85
7.22
20
8
20
120
0.5
0.5
4
RLZ7V5B
7.07
7.45
20
8
20
120
0.5
0.5
4
RLZ7V5C
7.29
7.67
20
8
20
120
0.5
0.5
4
RLZ8V2
7.7
8.7
20
8
20
120
0.5
0.5
5
RLZ8V2A
7.53
7.92
20
8
20
120
0.5
0.5
5
RLZ8V2B
7.78
8.19
20
8
20
120
0.5
0.5
5
RLZ8V2C
8.03
8.45
20
8
20
120
0.5
0.5
5
RLZ9V1
8.5
9.6
20
8
20
120
0.5
0.5
6
RLZ9V1A
8.29
8.73
20
8
20
120
0.5
0.5
6
RLZ9V1B
8.57
9.01
20
8
20
120
0.5
0.5
6
RLZ9V1C
8.83
9.3
20
8
20
120
0.5
0.5
6
RLZ10
9.4
10.6
20
8
20
120
0.5
0.2
7
RLZ10A
9.12
9.59
20
8
20
120
0.5
0.2
7
RLZ10B
9.41
9.9
20
8
20
120
0.5
0.2
7
RLZ10C
9.7
10.2
20
8
20
120
0.5
0.2
7
RLZ10D
9.94
10.44
20
8
20
120
0.5
0.2
7
RLZ11
10.4
11.6
10
10
10
120
0.5
0.2
8
RLZ11A
10.18
10.71
10
10
10
120
0.5
0.2
8
RLZ11B
10.5
11.05
10
10
10
120
0.5
0.2
8
RLZ11C
10.82
11.38
10
10
10
120
0.5
0.2
8
RLZ12
11.4
12.6
10
12
10
110
0.5
0.2
9
RLZ12A
11.13
11.71
10
12
10
110
0.5
0.2
9
RLZ12B
11.44
12.03
10
12
10
110
0.5
0.2
9
RLZ12C
11.74
12.35
10
12
10
110
0.5
0.2
9
RLZ13
12.4
14.1
10
14
10
110
0.5
0.2
10


Similar Part No. - RLZ30A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
RLZ30A SEMTECH_ELEC-RLZ30A Datasheet
299Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - RLZ30A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com