Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP3225 Datasheet(PDF) 6 Page - TDK Electronics

Part # ACP3225
Description  Common Mode Filters For power line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACP3225 Datasheet(HTML) 6 Page - TDK Electronics

  ACP3225 Datasheet HTML 1Page - TDK Electronics ACP3225 Datasheet HTML 2Page - TDK Electronics ACP3225 Datasheet HTML 3Page - TDK Electronics ACP3225 Datasheet HTML 4Page - TDK Electronics ACP3225 Datasheet HTML 5Page - TDK Electronics ACP3225 Datasheet HTML 6Page - TDK Electronics ACP3225 Datasheet HTML 7Page - TDK Electronics ACP3225 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(6/8)
20160524 / cmf_commercial_power_acp3225_en.fm
EMC Components
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
ACP3225 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Temperature derating was considered for the rated current.
○ Measurement equipment
* Equivalent measurement equipment may be used.
TEMPERATURE CHARACTERISTICS (DERATING)
ACP3225-102-2P
ACP3225-501-2P
Common mode
impedance
[at 100MHz]
DC resistance
Rated current
Rated voltage
Insulation
resistance
Part No.
(
:)
Tolerance
(m
: )typ.
(m
: )max.
(A)max.
(V)max.
(M
: )min.
1000
±25%
50
100
1.5
60
10
ACP3225-102-2P-T000
500
±25%
40
100
2
60
10
ACP3225-501-2P-T000
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Keysight Technologies
DC resistance
4338A
Keysight Technologies
Insulation resistance
4339A
Keysight Technologies
0.0
0.5
1.0
1.5
2.0
2.5
010
20
30405060
85
Temperature (°C)
010
20
30405060
85
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0


Similar Part No. - ACP3225

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACP3225 TDK-ACP3225 Datasheet
56Kb / 2P
   Common Mode Filter
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000 Datasheet
56Kb / 2P
   Common Mode Filter
ACP3225-102-2P-TL000 TDK-ACP3225-102-2P-TL000 Datasheet
56Kb / 2P
   Common Mode Filter
More results

Similar Description - ACP3225

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM4520-142-2P-T000 TDK-ACM4520-142-2P-T000 Datasheet
108Kb / 7P
   Common Mode Filters For power line
ACM4532-801-2P-T001 TDK-ACM4532-801-2P-T001 Datasheet
183Kb / 8P
   Common Mode Filters For power line
ACM7060-301-2PL-TL01 TDK-ACM7060-301-2PL-TL01_16 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM9070-701-2PL-TL01 TDK-ACM9070-701-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1211-102-2PL-TL01 TDK-ACM1211-102-2PL-TL01_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM1513-551-2PL-TLHF TDK-ACM1513-551-2PL-TLHF_16 Datasheet
103Kb / 7P
   Common Mode Filters For power line
ACM4520V-142-2P-T00 TDK-ACM4520V-142-2P-T00 Datasheet
104Kb / 7P
   Common Mode Filters For power line
ACM4520V-231-2P-T00 TDK-ACM4520V-231-2P-T00 Datasheet
109Kb / 6P
   Common Mode Filters For Power Line
ACM3225-601-2P TDK-ACM3225-601-2P Datasheet
184Kb / 9P
   Common Mode Filters For power line
ACM70V-701-2PL-TL00 TDK-ACM70V-701-2PL-TL00_16 Datasheet
106Kb / 7P
   Common Mode Filters For automotive power line
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com