Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25620B1367K203 Datasheet(PDF) 3 Page - TDK Electronics

Part # B25620B1367K203
Description  Power Electronic Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25620B1367K203 Datasheet(HTML) 3 Page - TDK Electronics

  B25620B1367K203 Datasheet HTML 1Page - TDK Electronics B25620B1367K203 Datasheet HTML 2Page - TDK Electronics B25620B1367K203 Datasheet HTML 3Page - TDK Electronics B25620B1367K203 Datasheet HTML 4Page - TDK Electronics B25620B1367K203 Datasheet HTML 5Page - TDK Electronics B25620B1367K203 Datasheet HTML 6Page - TDK Electronics B25620B1367K203 Datasheet HTML 7Page - TDK Electronics B25620B1367K203 Datasheet HTML 8Page - TDK Electronics B25620B1367K203 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Film Capacitors
B2562*
Power Electronic Capacitors
MKP DC
CAP FILM P PM
January 2016
Please read Cautions and warnings and
Page 3 of 23
Important notes at the end of this document.
1.1 Structure of ordering code
1.2 Standard types
D (mm)
OC ending
Diameter (Ø)
Terminal type
32 ± 0.5
-**1
45 ± 0.5
-**4
50 ± 0.5
-**3
85 mm
Female M6
(B25620)
standard
90 mm
Male M8
(B25623)
standard
Female M6
(B25620)
available
116 mm
Female M6
(B25620)
standard
Other terminal configurations available upon request.
1.3 UL approved types
Diameter (Ø)
Series
85 mm
B2562xC
B2562xD
90 mm
all types
116 mm
all types
Terminal type:
0 = Female M6
1 = Male M6
2 = Female M8
3 = Male M8
4 = Female M10
5 = Male M10
9 = special
B2562 0 B 1 427 K 10 1
MKP DC Series
Version:
B = without plastic cap
C/D = with plastic cap
S = special
Rated voltage: 110
10 = 1100 V
Rated capacitance:
107 = 10 · 10
7 pF = 100 µF
427 = 42 · 10
7 pF = 420 µF
108 = 10 · 10
8 pF = 1 mF
Distance between terminals:
1 = 32 mm
2 = 35 mm
3 = 50 mm
4 = 45 mm
9 = special
Capacitance tolerance
J = ± 5%
K = ± 10%
A = special


Similar Part No. - B25620B1367K203

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620B1367K203 EPCOS-B25620B1367K203 Datasheet
368Kb / 20P
   Film Capacitors ??Power Electronic Capacitors
logo
TDK Electronics
B25620B1367K203 TDK-B25620B1367K203 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B1367K203

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4267K001 EPCOS-B25655J4267K001 Datasheet
410Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com