Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25655P4607K100 Datasheet(PDF) 6 Page - TDK Electronics

Part # B25655P4607K100
Description  PCC Power Capacitors for HybridPACKTM IGBT Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25655P4607K100 Datasheet(HTML) 6 Page - TDK Electronics

  B25655P4607K100 Datasheet HTML 1Page - TDK Electronics B25655P4607K100 Datasheet HTML 2Page - TDK Electronics B25655P4607K100 Datasheet HTML 3Page - TDK Electronics B25655P4607K100 Datasheet HTML 4Page - TDK Electronics B25655P4607K100 Datasheet HTML 5Page - TDK Electronics B25655P4607K100 Datasheet HTML 6Page - TDK Electronics B25655P4607K100 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PCC for Infineon HybridPack
TM Drive (HP Drive)
PRELIMINARY
© EPCOS AG 2016
6
HP Drive platform 750 V – FS***R08A6**
Ordering code
CR
μF
VRDC
V
Imax 1)
A
Lself
nH
RS
m
Î
kA
IS
kA
tan
120 Hz
Dimensions
L x W x H
mm
Weight
kg
Fig.
B25655P5507K051
500
500
160
15
0.5
2.0
6.0
5 · 10-4
154 x 72 x 50
0.8
5
B25655P5407K151
2)
400
500
150
15
0.6
2.0
6.0
5 · 10-4
154 x 72 x 50
0.8
5
HP Drive platform 1200 V – FS***R12A6**
Ordering code
CR
μF
VRDC
V
Imax 1)
A
Lself
nH
RS
m
Î
kA
IS
kA
tan
120 Hz
Dimensions
L x W x H
mm
Weight
kg
Fig.
B25655P9127K151
2)
120
900
120
15
0.8
3.5
11.0
5 · 10-4
154 x 72 x 50
0.8
5
1)
Considering maximum hot spot temperature at +105 °C and cooling efficiency to be validated.
2)
Preferred types.
Green marked lines: New types …K/J1xx available during 2016.
Fig. 5 – For HP Drive platform
With side mounting terminals


Similar Part No. - B25655P4607K100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25655P4108K000 TDK-B25655P4108K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
B25655P4467K000 TDK-B25655P4467K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
B25655P4507K000 TDK-B25655P4507K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
B25655P4567K000 TDK-B25655P4567K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
B25655P4707K000 TDK-B25655P4707K000 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
More results

Similar Description - B25655P4607K100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25655M9108K EPCOS-B25655M9108K Datasheet
496Kb / 5P
   Film capacitors - Power electronic capacitors PCC series for IGBT modules
logo
TDK Electronics
B25655 TDK-B25655 Datasheet
1Mb / 10P
   PCC Power Capacitor Chip for 650-VR Semiconductor Modules in e-Mobility Applications
logo
Isahaya Electronics Cor...
M57962K-01R ISAHAYA-M57962K-01R Datasheet
326Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02 ISAHAYA-VLA500-02 Datasheet
121Kb / 6P
   DRIVER FOR IGBT MODULES
VLA504-01R ISAHAYA-VLA504-01R Datasheet
467Kb / 7P
   DRIVER FOR IGBT MODULES
VLA539-01R ISAHAYA-VLA539-01R Datasheet
106Kb / 6P
   DRIVER FOR IGBT MODULES
VLA503-01R ISAHAYA-VLA503-01R Datasheet
460Kb / 7P
   DRIVER FOR IGBT MODULES
VLA500-02R ISAHAYA-VLA500-02R Datasheet
245Kb / 8P
   DRIVER FOR IGBT MODULES
logo
EPCOS
B25655J4507K005 EPCOS-B25655J4507K005_1 Datasheet
179Kb / 6P
   PCC series for Full HEV HybridPACK??
B25655J4307K001 EPCOS-B25655J4307K001 Datasheet
159Kb / 6P
   PCC series for Mild HEV HybridPACK??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com