Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25620C0158K883 Datasheet(PDF) 7 Page - TDK Electronics

Part # B25620C0158K883
Description  Power Electronic Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25620C0158K883 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B25620C0158K883 Datasheet HTML 3Page - TDK Electronics B25620C0158K883 Datasheet HTML 4Page - TDK Electronics B25620C0158K883 Datasheet HTML 5Page - TDK Electronics B25620C0158K883 Datasheet HTML 6Page - TDK Electronics B25620C0158K883 Datasheet HTML 7Page - TDK Electronics B25620C0158K883 Datasheet HTML 8Page - TDK Electronics B25620C0158K883 Datasheet HTML 9Page - TDK Electronics B25620C0158K883 Datasheet HTML 10Page - TDK Electronics B25620C0158K883 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Film Capacitors
B2562*
Power Electronic Capacitors
MKP DC
CAP FILM P PM
January 2016
Please read Cautions and warnings and
Page 7 of 23
Important notes at the end of this document.
Terms and characteristics
The following definitions apply to power capacitors according to IEC 61071.
Rated capacitance CR
Nominal value of the capacitance at 20 °C and measuring frequency range of 50 to 120 Hz.
Rated DC voltage VR DC
Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which the
capacitor has been designed, for continuous operation.
Ripple voltage Vr
Peak-to-peak alternating component of the unidirectional voltage.
This value must not exceed 0.28 VR DC
Maximum surge voltage Vs
Peak voltage induced by a switching or any other disturbance of the system which is allowed for a limited
number of times and duration.
- Maximum duration: 50 ms / pulse
- Maximum number of occurrences: 1000 (during load)
Insulation voltage Vi
Rms rated value of the insulation voltage of capacitive elements and terminals to case or earth. When it is not
specified in the product data sheet, the insulation voltage is at least:
Vi =
2
R
V
Maximum rate of voltage rise (dV/dt
)max
Maximum permissible repetitive rate of voltage rise of the operational voltage.
Maximum current Imax
Maximum rms current for continuous operation.
Maximum peak current Î
Maximum permissible repetitive current amplitude during continuous operation.
Maximum peak current (Î) and maximum rate of voltage rise (dV/dt) max on a capacitor are related as follows:
Î
= C · (dV/dt)max
Maximum surge current Î s
Admissible peak current induced by a switching or any other disturbance of the system which is allowed for a
limited number of times (1000 times) and duration (50 ms / pulse).
Îs = C · (dV/dt)s
Ambient temperature
A
Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the capacitor.
Lowest operating temperature
min
Lowest permitted ambient temperature which a capacitor may be energized.


Similar Part No. - B25620C0158K883

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25620C0158K883 TDK-B25620C0158K883 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620C0158K883

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4267K001 EPCOS-B25655J4267K001 Datasheet
410Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com