Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ58A Datasheet(PDF) 5 Page - Nanjing International Group Co

Part # SMBJ58A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMBJ58A Datasheet(HTML) 5 Page - Nanjing International Group Co

  SMBJ58A Datasheet HTML 1Page - Nanjing International Group Co SMBJ58A Datasheet HTML 2Page - Nanjing International Group Co SMBJ58A Datasheet HTML 3Page - Nanjing International Group Co SMBJ58A Datasheet HTML 4Page - Nanjing International Group Co SMBJ58A Datasheet HTML 5Page - Nanjing International Group Co SMBJ58A Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@I PP
Peak
Pulse
Current
Reverse
Leakage
@V RMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMBJ54
SMBJ54C
ND
DD
54
60.0
76.0
1.0
96.3
6.2
5.0
SMBJ54A
SMBJ54CA
NE
DE
54
60.0
69.0
1.0
87.1
6.9
5.0
SMBJ58
SMBJ58C
NF
DF
58
64.4
81.6
1.0
103
5.8
5.0
SMBJ58A
SMBJ58CA
NG
DG
58
64.4
74.1
1.0
93.6
6.4
5.0
SMBJ60
SMBJ60C
NH
DH
60
66.7
84.5
1.0
107
5.6
5.0
SMBJ60A
SMBJ60CA
NK
DK
60
66.7
76.7
1.0
96.8
6.2
5.0
SMBJ64
SMBJ64C
NL
DL
64
71.1
90.1
1.0
114
5.3
5.0
SMBJ64A
SMBJ64CA
NM
DM
64
71.1
81.8
1.0
103
5.8
5.0
SMBJ70
SMBJ70C
NN
DN
70
77.8
98.6
1.0
125
4.8
5.0
SMBJ70A
SMBJ70CA
NP
DP
70
77.8
89.5
1.0
113
5.3
5.0
SMBJ75
SMBJ75C
NQ
DQ
75
83.0
105.7
1.0
134
4.5
5.0
SMBJ75A
SMBJ75CA
NR
DR
75
83.0
95.8
1.0
121
5.0
5.0
SMBJ78
SMBJ78C
NS
DS
78
86.0
109.8
1.0
139
4.3
5.0
SMBJ78A
SMBJ78CA
NT
DT
78
86.0
99.7
1.0
126
4.8
5.0
SMBJ85
SMBJ85C
NU
DU
85
94.0
119.2
1.0
151
4.0
5.0
SMBJ85A
SMBJ85CA
NV
DV
85
94.0
108.2
1.0
137
4.4
5.0
SMBJ90
SMBJ90C
NW
DW
90
100
126.5
1.0
160
3.8
5.0
SMBJ90A
SMBJ90CA
NX
DX
90
100
115.5
1.0
146
4.1
5.0
SMBJ100
SMBJ100C
NY
DY
100
111
141.0
1.0
179
3.4
5.0
SMBJ100A
SMBJ100CA
NZ
DZ
100
111
128.0
1.0
162
3.7
5.0
SMBJ110
SMBJ110C
PD
ED
110
122
154.5
1.0
196
3.1
5.0
SMBJ110A
SMBJ110CA
PE
EE
110
122
140.5
1.0
177
3.4
5.0
SMBJ120
SMBJ120C
PF
EF
120
133
169.0
1.0
214
2.8
5.0
SMBJ120A
SMBJ120CA
PG
EG
120
133
153.0
1.0
193
3.1
5.0
SMBJ130
SMBJ130C
PH
EH
130
144
182.5
1.0
231
2.6
5.0
SMBJ130A
SMBJ130CA
PK
EK
130
144
165.5
1.0
209
2.9
5.0
SMBJ150
SMBJ150C
PL
EL
150
167
211.5
1.0
268
2.2
5.0
SMBJ150A
SMBJ150CA
PM
EM
150
167
192.5
1.0
243
2.5
5.0
SMBJ160
SMBJ160C
PN
EN
160
178
226.0
1.0
287
2.1
5.0
SMBJ160A
SMBJ160CA
PP
EP
160
178
205.0
1.0
259
2.3
5.0
SMBJ170
SMBJ170C
PQ
EQ
170
189
239.5
1.0
304
2.0
5.0
SMBJ170A
SMBJ170CA
PR
ER
170
189
217.5
1.0
275
2.2
5.0
SMBJ180
SMBJ180C
PS
ES
180
200
253.8
1.0
321
1.9
5.0
SMBJ180A
SMBJ180CA
PT
ET
180
200
230.4
1.0
290
2.1
5.0
SMBJ190
SMBJ190C
PU
EU
190
211
267.9
1.0
339
1.8
5.0
SMBJ190A
SMBJ190CA
PV
EV
190
211
243.2
1.0
306
2.0
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
600 Watt Surface Mount TVS


Similar Part No. - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMBJ58A UNSEMI-SMBJ58A Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Jinan Gude Electronic D...
SMBJ58A JGD-SMBJ58A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ58A SOCAY-SMBJ58A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ58A MCC-SMBJ58A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Suntan Capacitors
SMBJ58A SUNTAN-SMBJ58A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ58A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com