Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57541G1103F000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B57541G1103F000
Description  NTC thermistors for temperature measurement
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57541G1103F000 Datasheet(HTML) 5 Page - TDK Electronics

  B57541G1103F000 Datasheet HTML 1Page - TDK Electronics B57541G1103F000 Datasheet HTML 2Page - TDK Electronics B57541G1103F000 Datasheet HTML 3Page - TDK Electronics B57541G1103F000 Datasheet HTML 4Page - TDK Electronics B57541G1103F000 Datasheet HTML 5Page - TDK Electronics B57541G1103F000 Datasheet HTML 6Page - TDK Electronics B57541G1103F000 Datasheet HTML 7Page - TDK Electronics B57541G1103F000 Datasheet HTML 8Page - TDK Electronics B57541G1103F000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
R/T characteristics
R/T No.
7003
8304
T (
°C)
B25/100 = 3625 K
B25/100 = 4092 K
RT/R25
α (%/K) R
T/R25
α (%/K)
55.0
63.225
6.7
100.11
7.4
50.0
45.46
6.5
69.56
7.2
45.0
33.07
6.3
48.945
6.9
40.0
24.324
6.0
34.853
6.7
35.0
18.081
5.8
25.102
6.5
30.0
13.575
5.6
18.275
6.2
25.0
10.29
5.4
13.443
6.0
20.0
7.8716
5.3
9.9853
5.9
15.0
6.0739
5.1
7.4867
5.7
10.0
4.7258
4.9
5.6636
5.5
5.0
3.7062
4.8
4.3212
5.3
0.0
2.9287
4.6
3.324
5.2
5.0
2.3311
4.5
2.5769
5.0
10.0
1.8684
4.4
2.0127
4.9
15.0
1.5075
4.2
1.5834
4.7
20.0
1.224
4.1
1.2542
4.6
25.0
1.0000
4.0
1.0000
4.5
30.0
0.82176
3.9
0.80239
4.3
35.0
0.67909
3.8
0.64776
4.2
40.0
0.56422
3.7
0.52598
4.1
45.0
0.47122
3.6
0.4295
4.0
50.0
0.3955
3.5
0.35262
3.9
55.0
0.33355
3.4
0.291
3.8
60.0
0.2826
3.3
0.24136
3.7
65.0
0.24049
3.2
0.20114
3.6
70.0
0.20553
3.1
0.16841
3.5
75.0
0.17637
3.0
0.14164
3.4
80.0
0.15195
2.9
0.11963
3.3
85.0
0.13141
2.9
0.10147
3.3
90.0
0.11406
2.8
0.086407
3.2
95.0
0.099352
2.7
0.073867
3.1
100.0
0.086837
2.7
0.063383
3.0
105.0
0.076149
2.6
0.054584
3.0
110.0
0.066989
2.5
0.04717
2.9
115.0
0.059112
2.5
0.040901
2.8
120.0
0.052316
2.4
0.035581
2.8
125.0
0.046433
2.4
0.03105
2.7
130.0
0.041327
2.3
0.027179
2.6
135.0
0.03688
2.3
0.023861
2.6
140.0
0.032998
2.2
0.021008
2.5
145.0
0.029598
2.2
0.018548
2.5
150.0
0.026612
2.1
0.016419
2.4
155.0
0.023984
2.1
0.014573
2.4
Temperature measurement
B57541G1
Glass-encapsulated sensors with insulation
G1541
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57541G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57541G1103F000 EPCOS-B57541G1103F000 Datasheet
262Kb / 15P
   NTC thermistors for temperature measurement
More results

Similar Description - B57541G1103F000

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com