Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57864S0502040 Datasheet(PDF) 2 Page - TDK Electronics

Part # B57864S0502040
Description  NTC thermistors for temperature measurement
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57864S0502040 Datasheet(HTML) 2 Page - TDK Electronics

  B57864S0502040 Datasheet HTML 1Page - TDK Electronics B57864S0502040 Datasheet HTML 2Page - TDK Electronics B57864S0502040 Datasheet HTML 3Page - TDK Electronics B57864S0502040 Datasheet HTML 4Page - TDK Electronics B57864S0502040 Datasheet HTML 5Page - TDK Electronics B57864S0502040 Datasheet HTML 6Page - TDK Electronics B57864S0502040 Datasheet HTML 7Page - TDK Electronics B57864S0502040 Datasheet HTML 8Page - TDK Electronics B57864S0502040 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Applications
Temperature measurement
Features
Improved resistance to humidity
Short response time
High measuring accuracy
Different tolerances available
Epoxy resin encapsulation
Insulated leads of silver-plated
nickel wire, AWG 30
Options
Alternative lead lengths on request
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 60 mg
General technical data
Climatic category
(IEC 60068-1)
55/155/56
Max. power
(at 25
°C)
P25
60
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 1.7
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 21
s
Heat capacity
Cth
approx. 36
mJ/K
Electrical specification and ordering codes
R25
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
H =
±3%
J =
±5%
2.0 k
1008
3560
±1%
B57864S0202+040
2.8 k
8016
3988
±1%
B57864S0282+040
5 k
8016
3988
±1%
B57864S0502+040
Temperature measurement
B57864S
Miniature sensors with bendable wires
S864
Page 2 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57864S0502040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57864S0502F040 EPCOS-B57864S0502F040 Datasheet
251Kb / 13P
   NTC thermistors for temperature measurement
B57864S0502H040 EPCOS-B57864S0502H040 Datasheet
251Kb / 13P
   NTC thermistors for temperature measurement
B57864S0502J040 EPCOS-B57864S0502J040 Datasheet
251Kb / 13P
   NTC thermistors for temperature measurement
More results

Similar Description - B57864S0502040

ManufacturerPart #DatasheetDescription
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
B57442V5472H062 EPCOS-B57442V5472H062 Datasheet
455Kb / 19P
   NTC thermistors for temperature measurement
G1550 EPCOS-G1550 Datasheet
435Kb / 22P
   NTC thermistors for temperature measurement
G1565 EPCOS-G1565 Datasheet
412Kb / 20P
   NTC thermistors for temperature measurement
S885 EPCOS-S885 Datasheet
538Kb / 27P
   NTC thermistors for temperature measurement
S981 EPCOS-S981 Datasheet
537Kb / 27P
   NTC thermistors for temperature measurement
B57861S103F40 EPCOS-B57861S103F40 Datasheet
422Kb / 20P
   NTC thermistors for temperature measurement
B57867S0202F140 EPCOS-B57867S0202F140 Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57871S0212F000 EPCOS-B57871S0212F000 Datasheet
339Kb / 19P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com