Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25620B1737K203 Datasheet(PDF) 9 Page - TDK Electronics

Part # B25620B1737K203
Description  Power Electronic Capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25620B1737K203 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B25620B1737K203 Datasheet HTML 5Page - TDK Electronics B25620B1737K203 Datasheet HTML 6Page - TDK Electronics B25620B1737K203 Datasheet HTML 7Page - TDK Electronics B25620B1737K203 Datasheet HTML 8Page - TDK Electronics B25620B1737K203 Datasheet HTML 9Page - TDK Electronics B25620B1737K203 Datasheet HTML 10Page - TDK Electronics B25620B1737K203 Datasheet HTML 11Page - TDK Electronics B25620B1737K203 Datasheet HTML 12Page - TDK Electronics B25620B1737K203 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Film Capacitors
B2562*
Power Electronic Capacitors
MKP DC
CAP FILM P PM
January 2016
Please read Cautions and warnings and
Page 9 of 23
Important notes at the end of this document.
VR DC = 700 V DC / VTT = 1050 V DC, 10 s / VTC = 4000 V AC, 10 s
CR
µF
IMAX
1
A
Is
kA
Î
kA
ESR
2
m
Lself
nH
RTH
K/W
D
mm
HC
mm
HT
mm
Weight
kg
Fig.
Ordering code
280
55
12.1 4.0
1.2
40
4.0
85
70
76
0.45
1
B25620B0287K701
500
60
13.5 4.5
1.3
40
3.0
90
95
124
0.73
3
B25623B0507K704
560
80
24.2 8.0
1.1
40
2.9
116
70
76
0.88
4
B25620B0567K703
620
55
12.1 4.0
1.9
40
2.9
85
120
126
0.71
1
B25620B0627K701
700
55
12.1 4.0
2.0
40
2.8
85
132
138
0.87
1
B25620B0707K701
780
65
13.4 4.5
1.9
40
2.5
90
132
161
1.00
3
B25623B0787K704
900
80
24.3 8.0
1.2
40
2.3
116
95
101
1.13
4
B25620B0907K703
1240 80
24.3 8.1
1.3
40
2.2
116
120
126
1.40
4
B25620B0128K743
1400 80
24.1 8.0
1.6
40
2.1
116
132
138
1.55
4
B25620B0148K703
VR DC = 900 V DC / VTT = 1350V DC, 10 s / VTC = 4000 V AC, 10 s
CR
µF
IMAX
1
A
Is
kA
Î
kA
ESR
2
m
Lself
nH
RTH
K/W
D
mm
HC
mm
HT
mm
Weight
kg
Fig. Ordering code
220
50
10.8
3.6
1.3
40
4.0
85
70
76
0.45
1
B25620B0227K881
220
50
10.8
3.6
1.3
40
4.0
85
74
76
0.48
2
B25620C0227K881
350
50
10.7
3.6
1.5
40
3.3
85
95
101
0.58
1
B25620B0357K881
350
50
10.7
3.6
1.5
40
3.3
85
99
101
0.61
2
B25620C0357K881
420
60
11.9
4.0
1.4
40
3.0
90
95
124
0.73
3
B25623B0427K904
440
65
21.7
7.2
0.8
40
2.9
116
70
76
0.88
4
B25620B0447K883
480
55
10.8
3.6
2.0
40
2.9
85
120
126
0.71
1
B25620B0487K881
480
55
10.8
3.6
2.0
40
2.9
85
124
126
0.74
2
B25620C0487K881
550
50
11
3.7
2.8
40
2.8
85
132
138
0.87
1
B25620B0557K881
550
50
11
3.7
2.8
40
2.8
85
136
138
0.9
2
B25620C0557K881
580
62
11.9
4.0
1.8
40
2.8
90
120
149
0.9
3
B25623B0587K904
650
62
11.8
3.9
2.0
40
2.5
90
132
161
1
3
B25623B0657K904
700
70
21.5
7.1
1.3
40
2.3
116
95
101
1.13
4
B25620B0707K883
730
62
11.8
3.9
2.8
60
2.3
90
145
174
1.2
3
B25623B0737K904
750
75
23.1
7.7
1.1
60
2.1
85
173
179
1.1
1
B25620B0757K881
750
75
23.1
7.7
1.1
60
2.1
85
177
179
1.13
2
B25620C0757K881
830
75
23.5
7.8
1.5
60
2.0
90
173
202
1.3
3
B25623B0837K904
970
75
21.7
7.2
1.9
40
2.2
116
120
126
1.4
4
B25620B0977K883
1100 80
21.7
7.2
1.4
40
2.1
116
132
138
1.55
4
B25620B0118K883
1500 100
43
15.4
1.1
60
2.0
116
173
179
1.945
4
B25620B0158K883
1500 100
43
15.4
1.1
60
2.0
116
177
179
1.945
5
B25620C0158K883
1
IMAX at 40 °C, refer to “current derating” section for more details
2 ESR at 1 kHz (typical value)
Other configurations and capacitance tolerances available upon request


Similar Part No. - B25620B1737K203

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25620B1737K203 EPCOS-B25620B1737K203 Datasheet
368Kb / 20P
   Film Capacitors ??Power Electronic Capacitors
logo
TDK Electronics
B25620B1737K203 TDK-B25620B1737K203 Datasheet
1Mb / 29P
   Film Capacitors - Power Electronic Capacitors
July 2022
More results

Similar Description - B25620B1737K203

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25667C5147A175 TDK-B25667C5147A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5177A175 TDK-B25667C5177A175 Datasheet
182Kb / 10P
   Film Capacitors - Power Electronic Capacitors
B25667C2557A175 TDK-B25667C2557A175 Datasheet
174Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4467A375 TDK-B25667C4467A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4866A375 TDK-B25667C4866A375 Datasheet
170Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5117A175 TDK-B25667C5117A175 Datasheet
175Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C5127A375 TDK-B25667C5127A375 Datasheet
167Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25667C4347A375 TDK-B25667C4347A375 Datasheet
166Kb / 10P
   Film Capacitors ??Power Electronic Capacitors
B25631S0227K600 TDK-B25631S0227K600 Datasheet
248Kb / 9P
   Film Capacitors - Power Electronic Capacitors
logo
EPCOS
B25655J4267K001 EPCOS-B25655J4267K001 Datasheet
410Kb / 6P
   Film capacitors - Power electronic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com