Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72547L3140S200 Datasheet(PDF) 2 Page - TDK Electronics

Part # B72547L3140S200
Description  CTVS-Ceramic transient voltage suppressors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B72547L3140S200 Datasheet(HTML) 2 Page - TDK Electronics

  B72547L3140S200 Datasheet HTML 1Page - TDK Electronics B72547L3140S200 Datasheet HTML 2Page - TDK Electronics B72547L3140S200 Datasheet HTML 3Page - TDK Electronics B72547L3140S200 Datasheet HTML 4Page - TDK Electronics B72547L3140S200 Datasheet HTML 5Page - TDK Electronics B72547L3140S200 Datasheet HTML 6Page - TDK Electronics B72547L3140S200 Datasheet HTML 7Page - TDK Electronics B72547L3140S200 Datasheet HTML 8Page - TDK Electronics B72547L3140S200 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EPCOS type designation system for leaded transient voltage/ RFI suppressors
SR
1
S
14
B
M
474
X
G
SR
Leaded,
SHCV series
EIA case sizes of used chips:
6
12 x 06 / 3.2 x 1.6 mm
1
18 x 12 / 4.5 x 3.2 mm
2
22 x 20 / 5.7 x 5.0 mm
Varistor voltage tolerance:
K
±10%
S
Special tolerance
Maximum RMS operating voltage (VRMS):
14
14 V
Special varistor voltage tolerance:
B
Special tolerance
Capacitance tolerance:
M
±20%
Capacitance value:
474
47
104 pF
0.47 µF
Capacitor ceramic:
X
X7R
Taping mode:
G
Taped version
Bulk
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72547L3140S200

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72547L3140S200 EPCOS-B72547L3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
More results

Similar Description - B72547L3140S200

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com