Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72587J3200K000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B72587J3200K000
Description  CTVS-Ceramic transient voltage suppressors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B72587J3200K000 Datasheet(HTML) 5 Page - TDK Electronics

  B72587J3200K000 Datasheet HTML 1Page - TDK Electronics B72587J3200K000 Datasheet HTML 2Page - TDK Electronics B72587J3200K000 Datasheet HTML 3Page - TDK Electronics B72587J3200K000 Datasheet HTML 4Page - TDK Electronics B72587J3200K000 Datasheet HTML 5Page - TDK Electronics B72587J3200K000 Datasheet HTML 6Page - TDK Electronics B72587J3200K000 Datasheet HTML 7Page - TDK Electronics B72587J3200K000 Datasheet HTML 8Page - TDK Electronics B72587J3200K000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vjump
(5 min)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Cnom
(1 kHz, 0.5 V)
nF
∆C
nom
%
SR1S14BM105X
22
+23/ 0
24.5
40
5
1000
±20
SR1S14BM155X
22
+23/ 0
24.5
40
5
1500
±20
SR1S14BM474X
22
+23/ 0
24.5
40
5
470
±20
SR2S14BM155X
22
+23/ 0
24.5
40
10
1500
±20
SR2S14BM474X
22
+23/ 0
24.5
40
10
470
±20
SR2S14BM475X
22
+23/ 0
24.5
40
10
4700
±20
SR6K14M224X
22
±10
-
38
1
220
±20
SR1K20M105X
33
±10
26
58
5
1000
±20
SR1K20M155X
33
±10
26
58
5
1500
±20
SR1K20M225X
33
±10
26
58
5
2200
±20
SR1K20M474X
33
±10
26
58
5
470
±20
SR2K20M105X
33
±10
26
58
10
1000
±20
SR2K20M155X
33
±10
26
58
10
1500
±20
SR2K20M474X
33
±10
26
58
10
470
±20
SR6K20M105X
33
±10
-
54
1
1000
±20
SR1K30M155X
47
±10
45
77
5
1500
±20
SR6K35M105X
56
±10
-
90
1
1000
±20
SR6K35M474X
56
±10
-
90
1
470
±20
Temperature derating
Climatic category:
55/+125
°C
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72587J3200K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72587J3200K000 EPCOS-B72587J3200K000 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
More results

Similar Description - B72587J3200K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com