Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72527G3200K000 Datasheet(PDF) 3 Page - TDK Electronics

Part # B72527G3200K000
Description  CTVS-Ceramic transient voltage suppressors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B72527G3200K000 Datasheet(HTML) 3 Page - TDK Electronics

  B72527G3200K000 Datasheet HTML 1Page - TDK Electronics B72527G3200K000 Datasheet HTML 2Page - TDK Electronics B72527G3200K000 Datasheet HTML 3Page - TDK Electronics B72527G3200K000 Datasheet HTML 4Page - TDK Electronics B72527G3200K000 Datasheet HTML 5Page - TDK Electronics B72527G3200K000 Datasheet HTML 6Page - TDK Electronics B72527G3200K000 Datasheet HTML 7Page - TDK Electronics B72527G3200K000 Datasheet HTML 8Page - TDK Electronics B72527G3200K000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1) Operating temperatures above +85
°C can cause a change in color of the coating material, which has no impact on the reliability of the
components.
Features
RFI noise suppression and transient overvoltage protection integrated in a
single component
Reliable protection against automotive transients such as load dump and
jump-start (for SR1 and SR2 types)
High capacitance (up to 4.7 µF)
Low clamping voltage
RoHS-compatible
Suitable for lead-free soldering
PSpice simulation models available
Applications
RFI noise suppression and transient overvoltage protection on DC lines of
small motors, windscreen wipers, window lifters, mirrors, central locking,
memory seat, sunroof
Design
Combination of multilayer RF filter capacitor and multilayer varistor
Coating: flame-retardant to UL 94 V0, epoxy resin
Terminals: tinned iron wire, RoHS-compatible
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted
by VRMS and then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
14 ... 35
V
Maximum DC operating voltage
VDC,max
16 ... 45
V
Maximum surge current
(8/20 µs)
Isurge,max
100 ... 1200
A
Maximum load dump energy
(10 pulses)
WLD
1.5 ... 12
J
Maximum jump-start voltage
(5 min)
Vjump
24.5 ... 45
V
Maximum clamping voltage
(8/20 µs)
Vclamp,max
38 ... 90
V
Nominal capacitance
(1 kHz, 0.5 V)
Cnom
220 ... 4700
nF
Insulation resistance
Rins
≥ 10
M
Response time
tresp
< 25
ns
Operating temperature 1)
Top
55/+125
°C
Storage temperature
LCT/UCT
55/+150
°C
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72527G3200K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72527G3200K000 EPCOS-B72527G3200K000 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
More results

Similar Description - B72527G3200K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com