Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS180 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # IS180
Description  AC Isolation Voltage 3750VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS180 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  IS180 Datasheet HTML 1Page - ISOCOM COMPONENTS IS180 Datasheet HTML 2Page - ISOCOM COMPONENTS IS180 Datasheet HTML 3Page - ISOCOM COMPONENTS IS180 Datasheet HTML 4Page - ISOCOM COMPONENTS IS180 Datasheet HTML 5Page - ISOCOM COMPONENTS IS180 Datasheet HTML 6Page - ISOCOM COMPONENTS IS180 Datasheet HTML 7Page - ISOCOM COMPONENTS IS180 Datasheet HTML 8Page - ISOCOM COMPONENTS IS180 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 24/06/2015
DC93186
IS180
ISOCOM
COMPONENTS
DESCRIPTION
The IS180 series of optically coupled isolator consist
of two infrared light emitting diodes in reverse parallel
connection and optically coupled to an NPN silicon
photo transistor in a space efficient Mini Flat
Package.
FEATURES
AC Isolation Voltage 3750VRMS
Wide Operating Temperature Range
-55°C to +100°C
Lead Free and RoHS Compliant
UL File E91231 Package Code “FPA”
APPLICATIONS
Computer Terminals
Industrial System Controllers
Measuring Instruments
System Appliances
ORDER INFORMATION
Available in Tape and Reel with 3000pcs
per reel
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
ABSOLUTE MAXIMUM RATINGS
Input Diode
Forward Current
±50mA
Reverse Voltage
6V
Power dissipation
70mW
Output Transistor
Collector to Emitter Voltage BVCEO
35V
Emitter to Collector Voltage BVECO
6V
Collector Current
50mA
Power Dissipation
150mW
Total Package
Operating Temperature
-55 to +100 °C
Storage Temperature
-55 to +150 °C
Total Power Dissipation
170mW
Lead Soldering Temperature
260°C
(for 10s)
1
2
4
3


Similar Part No. - IS180

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS180 ISOCOM-IS180 Datasheet
749Kb / 4P
   IS180 Input (Compact Range)
logo
PAIRUI GROUP INC.
IS180-24 PAIRUI-IS180-24 Datasheet
744Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS180-24 PAIRUI-IS180-24 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS180-48 PAIRUI-IS180-48 Datasheet
744Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS180-48 PAIRUI-IS180-48 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS180

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C311-L SSOUSA-AD6C311-L Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C111-L SSOUSA-AD6C111-L_15 Datasheet
316Kb / 9P
   High Isolation Voltage (3750VRMS)
logo
Rohm
BM60015FV-LB ROHM-BM60015FV-LB Datasheet
1Mb / 29P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
BM61S40RFV-C ROHM-BM61S40RFV-C Datasheet
2Mb / 28P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1_15 Datasheet
286Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
MORNSUN Science& Techno...
URB1D03LMD-10WR3 MORNSUN-URB1D03LMD-10WR3 Datasheet
4Mb / 8P
   Enhanced isolation, isolation voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com