Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL-01S-12EUP Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPL-01S-12EUP
Description  1W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-01S-12EUP Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPL-01S-12EUP Datasheet HTML 1Page - MicroPower Direct, LLC MPL-01S-12EUP Datasheet HTML 2Page - MicroPower Direct, LLC MPL-01S-12EUP Datasheet HTML 3Page - MicroPower Direct, LLC MPL-01S-12EUP Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Maximum
Output
Power
(W)
Output
Voltage
Accuracy
(%)
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
Current (A Max.)
Voltage
(VDC)
Current
(mA Max.)
115 VAC
230 VAC
MPL-01S-05EUP
0.120
0.060
5.0
200
1.0
±8.0
220
66
1.0A/250 VAC
MPL-01S-09EUP
0.120
0.060
9.0
111
1.0
±5.0
100
67
1.0A/250 VAC
MPL-01S-12EUP
0.120
0.060
12.0
83
1.0
±5.0
100
70
1.0A/250 VAC
MPL-01S-15EUP
0.120
0.060
15.0
67
1.0
±5.0
100
69
1.0A/250 VAC
MPL-01S-24EUP
0.120
0.060
24.0
42
1.0
±5.0
100
68
1.0A/250 VAC
Derating Curve, Output Power vs Temperature
Notes:
1. Operation at no load will not damage the units, however, they may not meet all specifications.
2. The External capacitors (C1 & C3) shown in the typical connection diagrams on page 3 are required to meet specified operation.
3. All units will meet EN 55022 (CE/RE) class A with the input circuit shown in the “Typical Connection 1” diagram on page 3. The MPL01SEUP will meet class B with the additional filtering shown in the
“Typical Connection 2” diagram on page 3. MPD offers filter modules that will save on board space and make the input filter design easier. Contact the factory for more information.
4. To meet the requirements of EN 61000-4-3, (10V/m) external filtering (as shown in the “Typical Connection 2” diagram on page 3) is required. This filtering may be added discretely, or by using a
filter module from MPD. Contact the factory for more information.
5. All units will meet EN 61000-4-4 (±2 kV) with the input circuit shown in the “Typical Connection 1” diagram on page 3. To meet the requirements of EN 61000-4-4 (±4 kV), external components
(as shown in the “Typical Connection 2” diagram on page 3) are required. This filtering may be added discretely, or by using a filter module from MPD. Contact the factory for more information.
6. All units will meet the requirements of EN 61000-4-5 (±1 kV/±2 kV), with the input circuit shown in the “Typical Connection 1,2” diagrams on page 3. This filtering may be added discretely, or by
using a filter module from MPD. Contact the factory for more information.
7. All units will meet the requirements of EN 61000-4-6 (10V rms), with the input circuit shown in the “Typical Connection 2” diagram on page 3. This filtering may be added discretely, or by using a
filter module from MPD. Contact the factory for more information.
8. It is recommended that a fuse be used on the input of a power supply for protection. For the MPL-01SEUP series, a 1.0A/250 VAC slow blow should be used.
Model Selection Guide
Efficiency vs Input Voltage VDC Input
Efficiency vs Input Voltage VAC Input
Derating Curve, Output Power vs Input Voltage


Similar Part No. - MPL-01S-12EUP

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-01S-12E MPD-MPL-01S-12E Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
More results

Similar Description - MPL-01S-12EUP

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
MMBT9013 ARTSCHIP-MMBT9013 Datasheet
722Kb / 4P
   1W OUTPUT AMPLIFIER
MMBT9012 ARTSCHIP-MMBT9012 Datasheet
1Mb / 4P
   1W OUTPUT AMPLIFIER
logo
DIWELL Electronics Co.,...
IRM-01 DIWELL-IRM-01 Datasheet
497Kb / 4P
   1w Output Switching series Power Supply
logo
ARTSCHIP ELECTRONICS CO...
MMBT9015 ARTSCHIP-MMBT9015 Datasheet
1Mb / 4P
   1W OUTPUT AMPLIFIER
logo
Filtronic Compound Semi...
LP1500 FILTRONIC-LP1500 Datasheet
40Kb / 2P
   1W POWER PHEMT
logo
RF Micro Devices
FPD1500 RFMD-FPD1500 Datasheet
242Kb / 4P
   1W POWER pHEMT
logo
Elite Enterprises (H.K....
PG1C-1LXX ELITE-PG1C-1LXX Datasheet
1Mb / 22P
   1W Power LED
PM2L-1LXE ELITE-PM2L-1LXE Datasheet
1Mb / 21P
   1W Power LED
logo
Filtronic Compound Semi...
FPD1000V FILTRONIC-FPD1000V Datasheet
197Kb / 3P
   1W POWER PHEMT
logo
Elite Enterprises (H.K....
PM2B-1LXE ELITE-PM2B-1LXE Datasheet
1Mb / 20P
   1W Power LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com