Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL-03S-05EUP Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPL-03S-05EUP
Description  3W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-03S-05EUP Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPL-03S-05EUP Datasheet HTML 1Page - MicroPower Direct, LLC MPL-03S-05EUP Datasheet HTML 2Page - MicroPower Direct, LLC MPL-03S-05EUP Datasheet HTML 3Page - MicroPower Direct, LLC MPL-03S-05EUP Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
70
400
VDC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
13.0
A Pk
230 VAC
23.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
See Model Selection Guide
Standby Power Consumption
0.5
W
Line Regulation
VIN = MIN to MAX
±1.5
%
Load Regulation
IOUT = 10% to 100%
±2.5
%
Ripple & Noise (20 MHz)
3.3, 5 VOUT Models
70
150
mV P-P
All Other Models
50
150
Hold-Up Time
115 VAC
20
msec
230 VAC
80
Temperature Coefficient
±0.02
%/°C
Over Current Protection
110
140
%IOUT
Short Circuit Protection
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
Switching Frequency
60
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Radiated Emissions, See Note 3
EN 55022
Class A
Conducted Emissions, See Note 3
EN 55022
Class A
ESD
EN 61000-4-2
B
±4 kV Contact
RS, See Note 4
EN 61000-4-3
A
10V/m
EFT, See Note 5
EN 61000-4-4
B
±2 kV
EN 61000-4-4
B
±4 kV
Surge, See Note 6
EN 61000-4-5
B
±1 kV /±2 kV
CS, See Note 7
EN 61000-4-6
A
3 Vrms
PFM
EN 61000-4-8
A
10 A/m
Voltage Dips
EN 61000-4-11
B
0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
85
%
Physical
Case Size
See Mechanical Drawing (Page 4)
Case Material
Conformal Coating (UL94-V0)
Weight
0.24 Oz (7g)
Solder Temperature
Wave Soldering (5 - 10s)
255
260
265
°C
Manual Soldering (3 - 5s)
350
360
370
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
UL 60950, EN 60950
Safety Class
IEC 61140 Class II
Open, Single Output,
Ultra-Miniature SIP, 3W
AC/DC Power Supplies
MPL-03SEUPSeries
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
www.micropowerdirect.com
Key Features:
3W Output Power
Open, Ultra-Miniature SIP
Universal 85-264 VAC Input
EN 60950 Approved
Meets IEC Safety Class II
Single Regulated Output
Meets EN 55022 Class A
>300 kHour MTBF
Low, Low Cost!


Similar Part No. - MPL-03S-05EUP

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-03S-05E MPD-MPL-03S-05E Datasheet
396Kb / 2P
   Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
More results

Similar Description - MPL-03S-05EUP

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-03S MPD-MPM-03S Datasheet
326Kb / 2P
   3W Output Power
MPM-03SMM MPD-MPM-03SMM Datasheet
532Kb / 2P
   3W Output Power
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
   3W Output Switching Power Supply
2016-07-14
logo
MORNSUN Science& Techno...
RSB1205T-3W MORNSUN-RSB1205T-3W Datasheet
191Kb / 2P
   3W SINGLE OUTPUT SMD PACKAGE
logo
Elite Enterprises (H.K....
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
   3W Power LED
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517 Datasheet
490Kb / 8P
   3W Power Amplifier
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
   3W Power Amplifier
logo
Elite Enterprises (H.K....
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com