Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-40M Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-40M
Description  40W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-40M Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-40M Datasheet HTML 1Page - MicroPower Direct, LLC MPM-40M Datasheet HTML 2Page - MicroPower Direct, LLC MPM-40M Datasheet HTML 3Page - MicroPower Direct, LLC MPM-40M Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input Current
(mA Typ)
Output
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Voltage
(VDC)
Current (A)
115 VAC
230 VAC
Max.
Min.
MPM-40MS-05xx
716
429
5.0
8.00
0.00
8,000
81
MPM-40MS-12xx
689
414
12.0
3.33
0.00
3,900
84
MPM-40MS-15xx
680
408
15.0
2.66
0.00
3,900
85
MPM-40MS-24xx
687
413
24.0
1.66
0.00
680
84
MPM-40MD-12xx
687
413
±12.0
±1.66
0.00
1,500
84
MPM-40MD-15xx
680
408
±15.0
±1.33
0.00
1,000
85
Derating Curve
Other outputs may be available
Contact the factory for details at:
sales@micropowerdirect.com
Model Number
Notes:
1.
The specified maximum capacitive load is for each output.
2
. Inrush current is given for a cold start at 25°C.
3.
Ripple and noise is measured with a 0.1 µF/50V MLCC and a
1 µF/50V aluminum electrolytic connected between the +VOUT
and -VOUT pins for single output models or from each output to
common for dual output models.
4.
Over voltage protection is provided by a zener diode clamp.
5.
Output overload protection is provided by a “hiccup mode” circuit
with auto-recovery. A long-term overload could damage the unit.
6.
The unit will shutdown at 90°C. It will recover automatically at
about 67 °C.
7.
Output short circuit protection is provided by a “hiccup mode”
circuit. The unit recovers automatically when the fault condition
is removed.
8.
Free air (natural) convection is about 20 LFM, it is not equal to
“still” air.
9.
Operation at no-load will not damage these units. However, they
may not meet all specifications.
10. It is recommended that an external slow blow fuse also be used
on the input for protection.
Chassis Mount & DIN Rail
All models of the MPM-40Mx series
are available in an encapsulated
package that can be mounted to a
chassis or cabinet and connected with
flying leads. To order the unit in this
package, add a “CM” to the end of the
product number.
This package can also be adapted for
use with a standard DIN rail by install-
ing a simple adapter kit. As illustrated
at right, this DIN rail kit consists of
a base plate, a DIN rail bracket and
the necessary hardware. For the
MPM-40Mx series the DIN rail kit is:
AC-DIN-02.


Similar Part No. - MPM-40M

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-40 MPD-MPM-40 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-05 MPD-MPM-40D-05 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-0512 MPD-MPM-40D-0512 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-0524 MPD-MPM-40D-0524 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
MPM-40D-12 MPD-MPM-40D-12 Datasheet
255Kb / 2P
   Board Mount, 40W Single, Dual & Triple Out AC/DC Power Supplies
More results

Similar Description - MPM-40M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE40 SLPOWER-TE40 Datasheet
751Kb / 4P
   40W Single Output External Power
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40_16 Datasheet
764Kb / 5P
   40W Single Output External Power
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40 Datasheet
387Kb / 2P
   40W Triple Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
T-40 MEANWELL-T-40_10 Datasheet
395Kb / 2P
   40W Triple Output Switching Power Supply
logo
Total Power Internation...
T-40 TOTAL-POWER-T-40 Datasheet
386Kb / 2P
   40W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com