Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-15SV-09 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MPM-15SV-09
Description  15W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-15SV-09 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPM-15SV-09 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-15SV-09 Datasheet HTML 2Page - MicroPower Direct, LLC MPM-15SV-09 Datasheet HTML 3Page - MicroPower Direct, LLC MPM-15SV-09 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Mechanical Dimensions
Pin
Function
2
AC-Neutral
3
AC-Line
4-VOUT
8+VOUT
Pin Connections
The MPM-15SV family is part of a
series of products that range from 5W to
25W. The chart at left gives a summary
of the other models in this series. Full
data on all products is available on the
MPD website. Contact the factory for
more information.
Other Power Ranges
Series
Input
Output Voltage
Output Current
Module Dimensions
MPM-05SV
85 - 305 VAC
3.3 VDC
1.250A
2.16 x 1.77 x 0.83
(55.0 x 45.0 x 21.0)
5.0 VDC
1.000A
9.0 VDC
0.550A
12.0 VDC
0.420A
15.0 VDC
0.330A
24.0 VDC
0.230A
MPM-10SV
85 - 305 VAC
3.3 VDC
2.000A
2.16 x 1.77 x 0.83
(55.0 x 45.0 x 21.0)
5.0 VDC
2.000A
9.0 VDC
1.100A
12.0 VDC
0.900A
15.0 VDC
0.700A
24.0 VDC
0.450A
MPM-20SV
85 - 305 VAC
3.3 VDC
3.500A
2.75 x 1.88 x 0.92
(70.0 x 48.0 x 23.5)
5.0 VDC
3.500A
9.0 VDC
2.100A
12.0 VDC
1.600A
15.0 VDC
1.300A
24.0 VDC
0.850A
MPM-25SV
85 - 305 VAC
3.3 VDC
4.100A
2.75 x 1.88 x 0.92
(70.0 x 48.0 x 23.5)
5.0 VDC
4.100A
9.0 VDC
2.500A
12.0 VDC
2.100A
15.0 VDC
1.600A
24.0 VDC
1.100A
48.0 VDC
0.500A


Similar Part No. - MPM-15SV-09

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-15S MPD-MPM-15S Datasheet
309Kb / 2P
   15W Output Power
MPM-15S-03 MPD-MPM-15S-03 Datasheet
189Kb / 2P
   Compact, 15W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-15S-03 MPD-MPM-15S-03 Datasheet
309Kb / 2P
   15W Output Power
MPM-15S-05 MPD-MPM-15S-05 Datasheet
189Kb / 2P
   Compact, 15W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-15S-05 MPD-MPM-15S-05 Datasheet
309Kb / 2P
   15W Output Power
More results

Similar Description - MPM-15SV-09

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-15S MPD-MPM-15S Datasheet
309Kb / 2P
   15W Output Power
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
   15W Output Switching Power Supply
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
   15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
   15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
   15W Output Switching Power Supply
PM-15 MEANWELL-PM-15 Datasheet
197Kb / 2P
   15W Output Switching Power Supply
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
SL Power Electronics
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com