Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78148T1272K000 Datasheet(PDF) 7 Page - TDK Electronics

Part # B78148T1272K000
Description  RF chokes, MCC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78148T1272K000 Datasheet(HTML) 7 Page - TDK Electronics

  B78148T1272K000 Datasheet HTML 1Page - TDK Electronics B78148T1272K000 Datasheet HTML 2Page - TDK Electronics B78148T1272K000 Datasheet HTML 3Page - TDK Electronics B78148T1272K000 Datasheet HTML 4Page - TDK Electronics B78148T1272K000 Datasheet HTML 5Page - TDK Electronics B78148T1272K000 Datasheet HTML 6Page - TDK Electronics B78148T1272K000 Datasheet HTML 7Page - TDK Electronics B78148T1272K000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
03/15
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
Washing processes may damage the product due to the possible static or cyclic mechanical
loads (e.g. ultrasonic cleaning). They may cause cracks to develop on the product and its parts,
which might lead to reduced reliability or lifetime.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets,
data books, other publications and the website of EPCOS, or in order-related documents such as
shipping notes, order confirmations and product labels. The varying representations of the
ordering codes are due to different processes employed and do not affect the
specifications of the respective products. Detailed information can be found on the Internet
under www.epcos.com/orderingcodes.
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B78148T1272K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148T EPCOS-B78148T Datasheet
191Kb / 9P
   Inductors
B78148T EPCOS-B78148T Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
B78148T3101K000 EPCOS-B78148T3101K000 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
B78148T3121K000 EPCOS-B78148T3121K000 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
B78148T3151K000 EPCOS-B78148T3151K000 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
More results

Similar Description - B78148T1272K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108T EPCOS-B78108T_12 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com