Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82111B0000C024 Datasheet(PDF) 4 Page - TDK Electronics

Part # B82111B0000C024
Description  VHF chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82111B0000C024 Datasheet(HTML) 4 Page - TDK Electronics

  B82111B0000C024 Datasheet HTML 1Page - TDK Electronics B82111B0000C024 Datasheet HTML 2Page - TDK Electronics B82111B0000C024 Datasheet HTML 3Page - TDK Electronics B82111B0000C024 Datasheet HTML 4Page - TDK Electronics B82111B0000C024 Datasheet HTML 5Page - TDK Electronics B82111B0000C024 Datasheet HTML 6Page - TDK Electronics B82111B0000C024 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
= approval granted
IR
LR
H
Rtyp
fres
MHz
Dimensions (mm)
Approx.
weight
g
Ordering code
Approvals
l1–1.5
l2–3
d1 max. d2
2
17
0.063
100
18.3
24
7.0
0.45
3.0
B82111B0000C014
3
8
0.025
145
18.3
24
7.0
0.63
3.0
B82111B0000C013
3
13
0.024
170
24.5
29
6.5
0.67
3.5
B82111B0000C019
3
20
0.054
125
24.5
29
6.0
0.5
3.5
B82111B0000C020
3
25
0.046
85
28.5
34
8.5
0.63
6.0
B82111B0000C024
4
6
0.017
170
18.3
24
7.5
0.75
3.0
B82111B0000C012
4
11
0.020
150
24.5
29
6.5
0.71
6.0
B82111B0000C018
4
15
0.024
120
28.5
34
8.5
0.75
7.0
B82111B0000C023
6
4
0.014
205
18.3
24
7.5
0.8
4.0
B82111B0000C011
6
6
0.010
200
24.5
29
7.0
0.95
5.0
B82111B0000C017
6
9
0.012
150
28.5
34
9.0
0.95
8.0
B82111B0000C022
9
3
0.006
220
24.5
29
7.5
1.2
5.0
B82111B0000C016
10
5
0.005
175
28.5
34
9.5
1.3
10.0
B82111B0000C021
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent 4294A or S-parameter network analyzer
Agilent 8753ES, typical values at +20 °C
B82111B0000C011…C014
B82111B0000C016…C020
IND0154-3
f
Ω
Z
||
2
10
C014
10 9
10 8
Hz
7
10
10 3
10 4
10 5
10 6
B82111B
C013
C012
C011
IND0155-1
f
Ω
Z
||
2
10
C020
10 3
10 4
10 5
10 6
10 9
10 8
Hz
7
10
B82111B
C019
C018
C017
C016
B82111B
VHF chokes


Similar Part No. - B82111B0000C024

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111B0000C024 EPCOS-B82111B0000C024 Datasheet
112Kb / 6P
   Chokes and inductors
B82111B0000C024 EPCOS-B82111B0000C024 Datasheet
110Kb / 7P
   Inductors
B82111B0000C024 EPCOS-B82111B0000C024 Datasheet
110Kb / 7P
   Inductors VHF chokes
B82111B0000C024 EPCOS-B82111B0000C024 Datasheet
519Kb / 7P
   Inductors
More results

Similar Description - B82111B0000C024

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
Eichhoff Electronics,In...
DZA010 EICHHOFF-DZA010 Datasheet
90Kb / 2P
   UKW Drosseln VHF chokes Selfs O.U.C.
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236 Datasheet
195Kb / 2P
   CHOKES
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
   Power line chokes Sine-wave chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
PREMO CORPORATION S.L
PL0R6-06HA PREMO-PL0R6-06HA Datasheet
212Kb / 3P
   Linear chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com