Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144F1105J000 Datasheet(PDF) 6 Page - TDK Electronics

Part # B82144F1105J000
Description  RF chokes, LBC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144F1105J000 Datasheet(HTML) 6 Page - TDK Electronics

  B82144F1105J000 Datasheet HTML 1Page - TDK Electronics B82144F1105J000 Datasheet HTML 2Page - TDK Electronics B82144F1105J000 Datasheet HTML 3Page - TDK Electronics B82144F1105J000 Datasheet HTML 4Page - TDK Electronics B82144F1105J000 Datasheet HTML 5Page - TDK Electronics B82144F1105J000 Datasheet HTML 6Page - TDK Electronics B82144F1105J000 Datasheet HTML 7Page - TDK Electronics B82144F1105J000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RF chokes
B82144F
LBC series, 6.5 x 9.2 (mm)
Datasheet
Please read Cautions and warnings and
Important notes at the end of this document.
6
06/12
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A or S-parameter network analyzer
Agilent 8753ES, typical values at +20°C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4284A,
typical values at +20°C
Current derating IOP/IR
versus ambient temperature TA
Q factor versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at +20°C
(rated temperature TR = +40°C)


Similar Part No. - B82144F1105J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F1102K000 TDK-B82144F1102K000 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results

Similar Description - B82144F1105J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com