Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ-2505 Datasheet(PDF) 1 Page - CUI INC

Part # MJ-2505
Description  2.5mm AUDIO JACK - MONO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MJ-2505 Datasheet(HTML) 1 Page - CUI INC

  MJ-2505 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
2
SCHEMATIC
MODEL NO.
3
1
MJ-2505
1.1 0.043
3.9 0.154
4.3 0.169
0.3 0.012
(2 PLCS)
3.1 0.122
3.6 0.142
4.1 0.161
1.4 0.055
1.7 0.067
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/19/2006
B
Added dimensions
4/27/2007
SPECIFIED
Brass
Brass
SPRING
B
MATERIAL
METAL
TERMINAL 1
TERMINAL 2
TERMINAL 3
HOUSING
PLATING
Brass
PC
Silver
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Brass
Nickel
Silver
OPERATING TEMP: -10° ~ +70°C
Silver
SPECIFICATIONS:
RATING: 12V DC @ 1A
INSULATION RESISTANCE: 50M OHMS MIN: 500V DC
VOLTAGE WITHSTAND: 250V AC R.M.S. FOR 1 MINUTE
LIFE: 10,000 CYCLES
Steel
ZRJ
2.5mm AUDIO JACK - MONO
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
MJ-2505
MJ-2505
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
3:1
SCALE:
REV:
M4
2.2 0.087
0.197
5.0
0.138
3.5
0.020
0.5
0.315
8.0
0.154
3.9
1.2 0.047
0.283
0.378
9.6
7.2
2.6 0.102
2
1
3


Similar Part No. - MJ-2505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
   2.5mm AUDIO JACK-MONO
More results

Similar Description - MJ-2505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
   2.5mm AUDIO JACK-MONO
logo
CUI INC
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
   2.5mm AUDIO JACK-MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2508 CUI-MJ-2508 Datasheet
81Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ-2508N CUI-MJ-2508N Datasheet
80Kb / 1P
   2.5mm AUDIO JACK-MONO
MJ1-2510-SMT CUI-MJ1-2510-SMT Datasheet
88Kb / 1P
   2.5mm SMT AUDIO JACK-MONO
MJ-2523-SMT CUI-MJ-2523-SMT Datasheet
287Kb / 1P
   2.5mm SURFACE MOUNT AUDIO JACK-MONO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com