Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82111B0000C016 Datasheet(PDF) 3 Page - TDK Electronics

Part # B82111B0000C016
Description  VHF chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82111B0000C016 Datasheet(HTML) 3 Page - TDK Electronics

  B82111B0000C016 Datasheet HTML 1Page - TDK Electronics B82111B0000C016 Datasheet HTML 2Page - TDK Electronics B82111B0000C016 Datasheet HTML 3Page - TDK Electronics B82111B0000C016 Datasheet HTML 4Page - TDK Electronics B82111B0000C016 Datasheet HTML 5Page - TDK Electronics B82111B0000C016 Datasheet HTML 6Page - TDK Electronics B82111B0000C016 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the bending point is at least 3 mm apart from the face ends
of the core and that the start-of-winding areas are not subjected to any mechanical stress.
Test voltage Vtest
2500 V AC, 1 min
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR 10 H=
1 MHz
10 H < LR 1000 H = 100 kHz
Measuring voltage:
1 V
Measuring temperature: +20 °C
Inductance tolerance
20%
Rated temperature TR
+60 °C
Rated current IR
Maximum permissible DC current at rated temperature
DC resistance Rtyp
Measured at +20 C, tolerance 20%, typical values
Resonance frequency fres
Measured with Agilent 4294A or 8753ES, +20 °C
tolerance 30%
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245 5) °C, (3 0.3) s
Wetting of soldering area
90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260 5) °C, 10 s
(to IEC 60068-2-20, test Tb)
Tensile strength of leads
30 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +125 °C
Packaged: –25 °C … +40 °C,
75% RH
Approvals
EN 60938
B82111B
VHF chokes


Similar Part No. - B82111B0000C016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
112Kb / 6P
   Chokes and inductors
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
110Kb / 7P
   Inductors
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
110Kb / 7P
   Inductors VHF chokes
B82111B0000C016 EPCOS-B82111B0000C016 Datasheet
519Kb / 7P
   Inductors
More results

Similar Description - B82111B0000C016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
Eichhoff Electronics,In...
DZA010 EICHHOFF-DZA010 Datasheet
90Kb / 2P
   UKW Drosseln VHF chokes Selfs O.U.C.
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236 Datasheet
195Kb / 2P
   CHOKES
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
   Power line chokes Sine-wave chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
PREMO CORPORATION S.L
PL0R6-06HA PREMO-PL0R6-06HA Datasheet
212Kb / 3P
   Linear chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com