Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144F1104J000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82144F1104J000
Description  RF chokes, LBC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144F1104J000 Datasheet(HTML) 5 Page - TDK Electronics

  B82144F1104J000 Datasheet HTML 1Page - TDK Electronics B82144F1104J000 Datasheet HTML 2Page - TDK Electronics B82144F1104J000 Datasheet HTML 3Page - TDK Electronics B82144F1104J000 Datasheet HTML 4Page - TDK Electronics B82144F1104J000 Datasheet HTML 5Page - TDK Electronics B82144F1104J000 Datasheet HTML 6Page - TDK Electronics B82144F1104J000 Datasheet HTML 7Page - TDK Electronics B82144F1104J000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RF chokes
B82144F
LBC series, 6.5 x 9.2 (mm)
Datasheet
Characteristics and ordering codes
LR
[µH]
Tolerance
1)
Qmin
fQ
[MHz]
IR
[mA]
Rmax
[Ω]
fres,min
[MHz]
Ordering code
2)
1.0
1.5
2.2
25
25
25
7.96
7.96
7.96
2500
2300
2100
0.06
0.07
0.09
200
180
140
B82144F1102K000
B82144F1152K000
B82144F1222K000
3.3
4.7
6.8
25
25
25
7.96
7.96
7.96
1950
1800
1600
0.10
0.12
0.15
120
100
60
B82144F1332K000
B82144F1472K000
B82144F1682K000
10
15
22
10% ^ K
60
60
50
2.52
2.52
2.52
1500
1400
1250
0.18
0.22
0.28
24
17
12
B82144F1103K000
B82144F1153K000
B82144F1223K000
33
47
56
40
40
40
2.52
2.52
2.52
1100
900
850
0.35
0.41
0.47
8.0
7.0
7.0
B82144F1333J000
B82144F1473J000
B82144F1563J000
68
100
150
30
40
40
2.52
0.796
0.796
800
760
670
0.52
0.70
0.90
6.2
5.2
4.5
B82144F1683J000
B82144F1104J000
B82144F1154J000
220
330
470
40
30
30
0.796
0.796
0.796
550
500
400
1.30
1.70
2.20
3.8
3.2
2.9
B82144F1224J000
B82144F1334J000
B82144F1474J000
680
820
20
20
0.796
0.796
340
310
3.10
3.70
2.6
2.4
B82144F1684J000
B82144F1824J000
1000
1500
2200
60
60
60
0.252
0.252
0.252
280
230
180
4.20
6.40
9.50
2.2
1.9
1.5
B82144F1105J000
B82144F1155J000
B82144F1225J000
3300
4700
5600
60
60
60
0.252
0.252
0.252
150
120
110
13.8
21.0
28.0
1.3
1.1
1.0
B82144F1335J000
B82144F1475J000
B82144F1565J000
6800
10000
15000
60
50
50
0.252
0.0796
0.0796
100
85
50
30.0
42.0
75.0
0.9
0.75
0.50
B82144F1685J000
B82144F1106J000
B82144F1156J000
22000
33000
47000
50
50
40
0.0796
0.0796
0.0796
40
35
30
120
150
230
0.40
0.30
0.26
B82144F1226J000
B82144F1336J000
B82144F1476J000
68000
100000
 5% ^ J
40
40
0.0796
0.0796
25
20
290
490
0.20
0.18
B82144F1686J000
B82144F1107J000
=
=
1) Closer tolerance on request.
2) For Ammo pack the last digit has to be a “9”. Example: B82144F1223K009
Please read Cautions and warnings and
Important notes at the end of this document.
5
06/12


Similar Part No. - B82144F1104J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F1102K000 TDK-B82144F1102K000 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results

Similar Description - B82144F1104J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com