Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144B2223K000 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82144B2223K000
Description  RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144B2223K000 Datasheet(HTML) 2 Page - TDK Electronics

  B82144B2223K000 Datasheet HTML 1Page - TDK Electronics B82144B2223K000 Datasheet HTML 2Page - TDK Electronics B82144B2223K000 Datasheet HTML 3Page - TDK Electronics B82144B2223K000 Datasheet HTML 4Page - TDK Electronics B82144B2223K000 Datasheet HTML 5Page - TDK Electronics B82144B2223K000 Datasheet HTML 6Page - TDK Electronics B82144B2223K000 Datasheet HTML 7Page - TDK Electronics B82144B2223K000 Datasheet HTML 8Page - TDK Electronics B82144B2223K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Inductors
RF chokes, LBC+ series
B82144B2
SZ MAG PD IN/T
April 2015
Please read Cautions and warnings and
Page 2 of 9
Important notes at the end of this document.
LBC chokes, radial leaded
Rated inductance 1 µH … 470 µH
Rated current 600 mA … 4450 mA
Construction
Large ferrite drum core
Winding: enamel copper wire
Flame-retardant lacquer coating
Non-lacquered lead wire
Features
Very high rated current
High saturation behaviour
Suitable for wave soldering
RoHS-compatible
Applications
DC-DC converters
Filtering of supply voltage
RF blocking and filtering
Decoupling and interference suppression
For telecommunications, LED and energy-saving
lamps, entertainment electronics
Terminals
Radially bent to 5 mm lead spacing
Base material CuAg0.1
Electroplated with nickel and pure tin
Marking
Inductance indicated by color bands in accordance
with IEC 60062
Delivery mode and packing units
Taped, reel packing
Packing unit: 1000 pcs/reel


Similar Part No. - B82144B2223K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144B EPCOS-B82144B Datasheet
168Kb / 8P
   Inductors
B82144B1102K000 EPCOS-B82144B1102K000 Datasheet
168Kb / 8P
   Inductors
B82144B1103K000 EPCOS-B82144B1103K000 Datasheet
168Kb / 8P
   Inductors
B82144B1104J000 EPCOS-B82144B1104J000 Datasheet
168Kb / 8P
   Inductors
B82144B1105J000 EPCOS-B82144B1105J000 Datasheet
168Kb / 8P
   Inductors
More results

Similar Description - B82144B2223K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com