Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144B2223K000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82144B2223K000
Description  RF chokes, LBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144B2223K000 Datasheet(HTML) 5 Page - TDK Electronics

  B82144B2223K000 Datasheet HTML 1Page - TDK Electronics B82144B2223K000 Datasheet HTML 2Page - TDK Electronics B82144B2223K000 Datasheet HTML 3Page - TDK Electronics B82144B2223K000 Datasheet HTML 4Page - TDK Electronics B82144B2223K000 Datasheet HTML 5Page - TDK Electronics B82144B2223K000 Datasheet HTML 6Page - TDK Electronics B82144B2223K000 Datasheet HTML 7Page - TDK Electronics B82144B2223K000 Datasheet HTML 8Page - TDK Electronics B82144B2223K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Inductors
RF chokes, LBC+ series
B82144B2
SZ MAG PD IN/T
April 2015
Please read Cautions and warnings and
Page 5 of 9
Important notes at the end of this document.
Characteristics and ordering codes
LR
μH
Tolerance
Qmin
fQ
MHz
IR
mA
Isat
mA
Rmax
Ω
fres, min
MHz
Ordering code
1.0
± 10% K
50
2.52
4450
7700
0.043
200
B82144B2102K000
1.2
60
2.52
4250
7400
0.044
190
B82144B2122K000
1.5
60
2.52
4100
7200
0.045
170
B82144B2152K000
1.8
60
2.52
3750
6400
0.050
150
B82144B2182K000
2.2
60
2.52
3650
6000
0.055
140
B82144B2222K000
2.7
60
2.52
3550
5400
0.060
120
B82144B2272K000
3.3
60
2.52
3500
5000
0.065
100
B82144B2332K000
3.9
60
2.52
3350
4400
0.075
90
B82144B2392K000
4.7
50
2.52
3050
4000
0.080
70
B82144B2472K000
5.6
50
2.52
2950
3750
0.090
45
B82144B2562K000
6.8
50
2.52
2750
3500
0.095
40
B82144B2682K000
8.2
40
0.252
2650
3100
0.105
28
B82144B2822K000
10
40
0.252
2450
2850
0.120
22
B82144B2103K000
12
40
0.252
2400
2650
0.130
20
B82144B2123K000
15
50
0.252
2300
2400
0.140
13
B82144B2153K000
18
50
0.252
2200
2250
0.155
12
B82144B2183K000
22
50
0.252
2100
2000
0.175
10
B82144B2223K000
27
40
0.252
2000
1800
0.200
9.2 B82144B2273K000
33
± 5% J
40
0.252
1900
1650
0.220
9.0 B82144B2333J000
39
40
0.252
1750
1500
0.250
8.5 B82144B2393J000
47
40
0.252
1700
1400
0.270
7.5 B82144B2473J000
56
40
0.0796 1600
1300
0.310
6.8 B82144B2563J000
68
40
0.0796 1500
1150
0.350
6.1 B82144B2683J000
82
40
0.0796 1400
1100
0.400
6.0 B82144B2823J000
100
40
0.0796 1300
950
0.460
5.4 B82144B2104J000


Similar Part No. - B82144B2223K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144B EPCOS-B82144B Datasheet
168Kb / 8P
   Inductors
B82144B1102K000 EPCOS-B82144B1102K000 Datasheet
168Kb / 8P
   Inductors
B82144B1103K000 EPCOS-B82144B1103K000 Datasheet
168Kb / 8P
   Inductors
B82144B1104J000 EPCOS-B82144B1104J000 Datasheet
168Kb / 8P
   Inductors
B82144B1105J000 EPCOS-B82144B1105J000 Datasheet
168Kb / 8P
   Inductors
More results

Similar Description - B82144B2223K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com