Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78148S1272K000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B78148S1272K000
Description  RF chokes, BC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78148S1272K000 Datasheet(HTML) 5 Page - TDK Electronics

  B78148S1272K000 Datasheet HTML 1Page - TDK Electronics B78148S1272K000 Datasheet HTML 2Page - TDK Electronics B78148S1272K000 Datasheet HTML 3Page - TDK Electronics B78148S1272K000 Datasheet HTML 4Page - TDK Electronics B78148S1272K000 Datasheet HTML 5Page - TDK Electronics B78148S1272K000 Datasheet HTML 6Page - TDK Electronics B78148S1272K000 Datasheet HTML 7Page - TDK Electronics B78148S1272K000 Datasheet HTML 8Page - TDK Electronics B78148S1272K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
BC chokes with temperature range up to +140 °C on request.
BC chokes up to 33 H with higher resonance frequency on request.
1) Closer tolerances on request.
2) Replace the * by code number »0« for axial taping or by »4« for radial taping.
3) For Ammo pack the last digit has to be a »9«. Example: B78108S1102K009
LR
H
Tolerance1)
Qmin
fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code 2)
(reel packing)3)
1.0
10%
K
55
7.96
1200
0.16
205
B781*8S1102K000
1.2
55
7.96
1150
0.18
185
B781*8S1122K000
1.5
55
7.96
1100
0.20
165
B781*8S1152K000
1.8
55
7.96
1030
0.22
155
B781*8S1182K000
2.2
55
7.96
1000
0.25
140
B781*8S1222K000
2.7
60
7.96
940
0.26
125
B781*8S1272K000
3.3
60
7.96
900
0.29
115
B781*8S1332K000
3.9
60
7.96
850
0.31
105
B781*8S1392K000
4.7
60
7.96
820
0.34
95
B781*8S1472K000
5.6
60
7.96
780
0.38
85
B781*8S1562K000
6.8
65
7.96
670
0.51
75
B781*8S1682K000
8.2
65
7.96
690
0.48
50
B781*8S1822K000
10
70
2.52
680
0.49
35
B781*8S1103K000
12
70
2.52
650
0.55
30
B781*8S1123K000
15
60
2.52
610
0.60
20
B781*8S1153K000
18
60
2.52
580
0.67
17
B781*8S1183K000
22
55
2.52
560
0.74
13
B781*8S1223K000
27
55
2.52
530
0.83
10
B781*8S1273K000
33
55
2.52
500
0.92
9.0
B781*8S1333K000
39
50
2.52
470
1.02
8.0
B781*8S1393K000
^
B78108S, B78148S
RF chokes
BC series, 4 x 9.2 (mm)


Similar Part No. - B78148S1272K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148S1272K000 EPCOS-B78148S1272K000 Datasheet
223Kb / 10P
   Chokes and inductors
More results

Similar Description - B78148S1272K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com