Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

146-91-632-41-036 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 146-91-632-41-036
Description  Dual-in-line sockets Open frame Press-fit with compliant pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

146-91-632-41-036 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  146-91-632-41-036 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
64
Series 146
Dual-in-line sockets
Open frame
Press-fit with compliant pins
Press-fit sockets for sol-
derless mount into PCB.
For plated-thru-holes
∅ 1 (+0.09/–0.06) mm
Compliant pins
New press-fit receptacle
with modified eye of the
needle which eliminates
damage to the plated-
thru-holes
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
99
5
µm Sn Pb
5
µm Sn Pb
Ordering information
For standard versions see table (order codes)
Option:
Platings 91, 93 and 99 available for all versions
Replace xx with requested plating code
(Older versions 146…012/013/019 please consult)
6
146-xx-306-41-036
146-xx-306-41-035
Fig. 3
7.6
7.62 10.1
8
146-xx-308-41-036
146-xx-308-41-035
Fig. 4
10.1
7.62 10.1
14
146-xx-314-41-036
146-xx-314-41-035
Fig. 6
17.7
7.62 10.1
16
146-xx-316-41-036
146-xx-316-41-035
Fig. 7
20.3
7.62 10.1
18
146-xx-318-41-036
146-xx-318-41-035
Fig. 8
22.8
7.62 10.1
20
146-xx-320-41-036
146-xx-320-41-035
Fig. 9
25.3
7.62 10.1
22
146-xx-422-41-036
146-xx-422-41-035
Fig. 13
27.8 10.16 12.6
24
146-xx-624-41-036
146-xx-624-41-035
Fig. 17
30.4 15.24 17.7
28
146-xx-628-41-036
146-xx-628-41-035
Fig. 18
35.5 15.24 17.7
32
146-xx-632-41-036
146-xx-632-41-035
Fig. 19
40.6 15.24 17.7
40
146-xx-640-41-036
146-xx-640-41-035
Fig. 21
50.6 15.24 17.7
No.
Insulator
of
Order Codes
dimen-
poles
sions
See
ABC
page 44
For PCB thickness
For PCB thickness
1.5 to 2.0 mm
2.1 to 3.2 mm
D = 2.80 mm
D = 3.80 mm


Similar Part No. - 146-91-632-41-036

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
146-01J08L COILCRAFT-146-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
146-01J08L COILCRAFT-146-01J08L Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
146-01J08SL COILCRAFT-146-01J08SL Datasheet
125Kb / 2P
   7mm Tunable RF Coils
146-01J08SL COILCRAFT-146-01J08SL Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
146-02J08L COILCRAFT-146-02J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
More results

Similar Description - 146-91-632-41-036

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
110-91-210-41-105 PREDIP-110-91-210-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
126-93-210-41-001 PREDIP-126-93-210-41-001 Datasheet
35Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap posts with solder tails
111-91-210-41-001 PREDIP-111-91-210-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets for multilayer PCB Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com