Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82141B1392K000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82141B1392K000
Description  RF chokes, SBC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82141B1392K000 Datasheet(HTML) 5 Page - TDK Electronics

  B82141B1392K000 Datasheet HTML 1Page - TDK Electronics B82141B1392K000 Datasheet HTML 2Page - TDK Electronics B82141B1392K000 Datasheet HTML 3Page - TDK Electronics B82141B1392K000 Datasheet HTML 4Page - TDK Electronics B82141B1392K000 Datasheet HTML 5Page - TDK Electronics B82141B1392K000 Datasheet HTML 6Page - TDK Electronics B82141B1392K000 Datasheet HTML 7Page - TDK Electronics B82141B1392K000 Datasheet HTML 8Page - TDK Electronics B82141B1392K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
1) Closer tolerances on request.
2) Replace the + by code letter »A« for axial taping or by »B« for radial taping.
3) For Ammo pack the last digit has to be a »9«. Example: B82141A1102K009
LR
H
Tolerance1)
Qmin
fQ
MHz
IR
mA
Rmax
fres, min
MHz
Ordering code 2)
(reel packing)3)
1.0
10%
K
40
7.96
725
0.19
180
B82141+1102K000
1.2
40
7.96
700
0.20
160
B82141+1122K000
1.5
40
7.96
670
0.22
155
B82141+1152K000
1.8
45
7.96
660
0.23
145
B82141+1182K000
2.2
45
7.96
630
0.25
130
B82141+1222K000
2.7
45
7.96
610
0.27
110
B82141+1272K000
3.3
50
7.96
580
0.30
90
B82141+1332K000
3.9
50
7.96
560
0.32
70
B82141+1392K000
4.7
50
7.96
530
0.36
60
B82141+1472K000
5.6
50
7.96
510
0.38
50
B82141+1562K000
6.8
50
7.96
480
0.43
40
B82141+1682K000
8.2
50
7.96
450
0.52
30
B82141+1822K000
10
55
2.52
410
0.60
25
B82141+1103K000
12
55
2.52
385
0.67
20
B82141+1123K000
15
55
2.52
365
0.74
17
B82141+1153K000
18
55
2.52
350
0.81
14
B82141+1183K000
22
55
2.52
335
0.90
12
B82141+1223K000
27
55
2.52
315
1.00
11
B82141+1273K000
33
55
2.52
300
1.12
10
B82141+1333K000
39
55
2.52
285
1.21
8.5
B82141+1393K000
^
B82141A, B82141B
RF chokes
SBC series, 3.0 x 6.8 (mm)


Similar Part No. - B82141B1392K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82141B EPCOS-B82141B Datasheet
229Kb / 10P
   SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
B82141B EPCOS-B82141B Datasheet
191Kb / 9P
   Inductors
More results

Similar Description - B82141B1392K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com