Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108E1683J000 Datasheet(PDF) 4 Page - TDK Electronics

Part # B78108E1683J000
Description  RF chokes, BC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78108E1683J000 Datasheet(HTML) 4 Page - TDK Electronics

  B78108E1683J000 Datasheet HTML 1Page - TDK Electronics B78108E1683J000 Datasheet HTML 2Page - TDK Electronics B78108E1683J000 Datasheet HTML 3Page - TDK Electronics B78108E1683J000 Datasheet HTML 4Page - TDK Electronics B78108E1683J000 Datasheet HTML 5Page - TDK Electronics B78108E1683J000 Datasheet HTML 6Page - TDK Electronics B78108E1683J000 Datasheet HTML 7Page - TDK Electronics B78108E1683J000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Inductors
RF chokes, BC+ series
B78108E, B78148E
SZ MAG PD IN/T
July 2015
Please read Cautions and warnings and
Page 4 of 8
Important notes at the end of this document.
Technical data and measuring conditions
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring current:
1 mA
Measuring temperature:
+20 ºC
Q factor Qmin
Measured with impedance analyzer Agilent 4294A, +20 °C
Rated temperature TR
+40 °C
Rated current IR
Maximum permissible DC current based on rated temperature
of +40 °C and component temperature of max. +125 °C
Saturation current Isat
Max. permissible DC with inductance decrease
∆L/L0 of approx. 10%, at +20 ºC (Agilent 4284A and 42841A)
DC resistance Rmax
Measured at +20 ºC
Resonance frequency fres,min
Measured with Agilent 4294A or 8753ES, +20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7:
(+245 ±5) °C, (3 ±0.3) s
Wetting of soldering area:
≥ 90% (to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(+260 ±5)°C, 10 s (to IEC 60068-2-20, test Tb)
Tensile strength of leads
≥ 20 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C ... +125 °C
Packaged: –25 °C ... +40 °C, ≤ 75% RH
Weight
Approx. 0.38 g
Mounting information:
When bending the leads, take care that the start-of-winding areas at the face ends (protected by glue
and lacquer) are not subjected to any mechanical stress.


Similar Part No. - B78108E1683J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108E1683J000 TDK-B78108E1683J000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results

Similar Description - B78108E1683J000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com