Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78108T1333K000 Datasheet(PDF) 5 Page - TDK Electronics

Part # B78108T1333K000
Description  RF chokes, MCC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78108T1333K000 Datasheet(HTML) 5 Page - TDK Electronics

  B78108T1333K000 Datasheet HTML 1Page - TDK Electronics B78108T1333K000 Datasheet HTML 2Page - TDK Electronics B78108T1333K000 Datasheet HTML 3Page - TDK Electronics B78108T1333K000 Datasheet HTML 4Page - TDK Electronics B78108T1333K000 Datasheet HTML 5Page - TDK Electronics B78108T1333K000 Datasheet HTML 6Page - TDK Electronics B78108T1333K000 Datasheet HTML 7Page - TDK Electronics B78108T1333K000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
03/15
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
1) Closer tolerances on request.
2) Replace the * by code number »0« for axial taping or by »4« for radial taping.
3) For Ammo pack the last digit has to be a »9«. Example: B78108T1102K009
LR
H
Tolerance1)
Qmin
fQ
MHz
IR
mA
Rmax
fres,min
MHz
Ordering code 2)
(reel packing)3)
Ferrite cylinder core
1.0
10%
K
35
25.2
630
0.25
180
B781*8T1102K000
1.2
40
7.96
610
0.25
170
B781*8T1122K000
1.5
40
7.96
570
0.30
150
B781*8T1152K000
1.8
40
7.96
540
0.30
130
B781*8T1182K000
2.2
40
7.96
520
0.35
120
B781*8T1222K000
2.7
40
7.96
480
0.40
110
B781*8T1272K000
3.3
40
7.96
420
0.50
110
B781*8T1332K000
3.9
40
7.96
400
0.55
100
B781*8T1392K000
4.7
40
7.96
380
0.65
90
B781*8T1472K000
5.6
45
7.96
260
1.30
75
B781*8T1562K000
6.8
45
7.96
250
1.45
70
B781*8T1682K000
8.2
50
7.96
240
1.60
65
B781*8T1822K000
10
50
7.96
230
1.70
60
B781*8T1103K000
12
55
2.52
190
2.40
50
B781*8T1123K000
15
55
2.52
185
2.70
45
B781*8T1153K000
18
55
2.52
175
2.90
40
B781*8T1183K000
22
60
2.52
170
3.20
30
B781*8T1223K000
27
60
2.52
160
3.60
27
B781*8T1273K000
33
60
2.52
150
4.10
24
B781*8T1333K000
39
60
2.52
140
4.50
22
B781*8T1393K000
47
60
2.52
100
8.50
20
B781*8T1473K000
56
60
2.52
100
8.80
18
B781*8T1563K000
68
60
2.52
95
10.0
15
B781*8T1683K000
82
60
2.52
90
11.5
14
B781*8T1823K000
100
60
2.52
85
12.5
11
B781*8T1104K000
^
B78108T, B78148T
RF chokes
MCC series, 3.3 x 7 (mm)


Similar Part No. - B78108T1333K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108T1333K000 EPCOS-B78108T1333K000 Datasheet
191Kb / 9P
   Inductors
More results

Similar Description - B78108T1333K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78108T EPCOS-B78108T_12 Datasheet
685Kb / 9P
   RF chokes, MCC series Ceramic or ferrite cylinder core
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com