Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B78148S1393K000 Datasheet(PDF) 4 Page - TDK Electronics

Part # B78148S1393K000
Description  RF chokes, BC series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B78148S1393K000 Datasheet(HTML) 4 Page - TDK Electronics

  B78148S1393K000 Datasheet HTML 1Page - TDK Electronics B78148S1393K000 Datasheet HTML 2Page - TDK Electronics B78148S1393K000 Datasheet HTML 3Page - TDK Electronics B78148S1393K000 Datasheet HTML 4Page - TDK Electronics B78148S1393K000 Datasheet HTML 5Page - TDK Electronics B78148S1393K000 Datasheet HTML 6Page - TDK Electronics B78148S1393K000 Datasheet HTML 7Page - TDK Electronics B78148S1393K000 Datasheet HTML 8Page - TDK Electronics B78148S1393K000 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the start-of-winding areas at the face ends (protected by
glue and lacquer) are not subjected to any mechanical stress.
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR 10 H=
1 MHz
10 H < LR 4700 H = 100 kHz
Measuring current:
1 mA
Measuring temperature: +20 °C
Q factor Qmin
Measured with precision impedance analyzer Agilent 4294A,
+20 °C
Rated temperature TR
+40 C
Rated current IR
Maximum permissible DC current at rated temperature
Inductance decrease L/L0
10% (referred to initial value) at IR, +20 C
DC resistance Rmax
Measured at 20 C
Resonance frequency fres,min Measured with Agilent 4294A or 8753ES, +20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245 5) °C, (3 0.3) s
Wetting of soldering area
90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
+(260 5) °C, 10 s (to IEC 60068-2-20, test Tb)
Tensile strength of leads
20 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +125 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 0.38 g
B78108S, B78148S
RF chokes
BC series, 4 x 9.2 (mm)


Similar Part No. - B78148S1393K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B78148S1393K000 EPCOS-B78148S1393K000 Datasheet
223Kb / 10P
   Chokes and inductors
More results

Similar Description - B78148S1393K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
   RF chokes, BC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
logo
TDK Electronics
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
   RF chokes, SBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
B78108T1102K000 TDK-B78108T1102K000 Datasheet
642Kb / 8P
   RF chokes, MCC series
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com