Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME1X682K440VACS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # ME1X682K440VACS
Description  EMI Suppression Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ME1X682K440VACS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  ME1X682K440VACS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ME1X682K440VACS Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 7b
EMI Suppression Capacitors
MERITEK
ME1X Series
Class-X1
RoHS
FEATURES
Dielectric: Metallized polypropylene film
Winding: non-inductive type
Protection: Flame retardant plastic case and epoxy resin (UL-class 94V-0)
Self-healing property.
Over voltage stress withstanding.
SPECIFICATIONS
PART NUMBERING SYSTEM
ME1X
225
K
500VAC
Meritek Series
Capacitance
Capacitance expressed in picofarads (pF).
First two digits are significant figures.
Third digit denotes number of zeros.
Tolerance: K=±10%
Rated Voltage: 500 VAC
* Notes: A suffix may be added to denote custom features.
DIMENSIONS
310VAC
P/N
SIZE
µF
W±0.5
H±0.5
T±0.5
P±0.5
D±0.05
ME1X472K310VACS
0.0047
13
11
5
10
0.6
ME1X472K310VAC
0.0047
18
10
5
15
0.8
ME1X103K310VACS
0.01
13
11
5
10
0.6
ME1X103K310VAC
0.01
18
10
5
15
0.8
ME1X153K310VAC
0.015
18
10
5
15
0.8
1. Operating temperature
: -40°C to +110°C
2. Rated Voltage
: 310VAC, 330VAC, 350VAC, 380VAC, 440VAC, 480VAC, 500VAC at 50/60HZ
4. Capacitance range
Rated Voltage
Resistance
310/330/350/380VAC
0.0047µF~ 10.0µF
440/480/500VAC
0.0047µF~ 4.0µF
5. Capacitance tolerance
: ±5%(J), ±10%(K), ±20%(M)
6. Dissipation factor
(tanδ)
:
≤0.1% at 1KHz, 20°C, 1.0VAC
7. Insulation resistance
(Between terminals)
:
≥3x10
4 MΩ (C≦0.33μF);
≥1X10
4 MΩ/μF (C>0.33μF)
(at 20
℃,100±15VDC,60s)
8. Withstanding Voltage
Voltage
Between
Terminals
Cut-Off
Current
Between Terminals
and Case
310/330/350/380VAC
2100VDC
for 1 Sec.
10mA
2260VAC 60Hz
for 60 Sec.
440VAC
2400VDC
For 1 Sec.
10mA
2380VAC 60Hz
For 60 Sec.
480/500VAC
2700VDC
for 1 Sec,
10mA
2500VAC 60Hz
for 60 Sec.
10. Humidity category
: Average relative humidi
ty ≤ 75%
95% for 30 days per year continuously
85% for the remaining days occasionally
UL E197475
Unit: mm


Similar Part No. - ME1X682K440VACS

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
ME1-100T DIT-ME1-100T Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-100TA DIT-ME1-100TA Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-100TAX DIT-ME1-100TAX Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-200T DIT-ME1-200T Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-200TA DIT-ME1-200TA Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Similar Description - ME1X682K440VACS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com