Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF70ACB453215-T Datasheet(PDF) 6 Page - TDK Electronics

Part # HF70ACB453215-T
Description  Chip Beads
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF70ACB453215-T Datasheet(HTML) 6 Page - TDK Electronics

  HF70ACB453215-T Datasheet HTML 1Page - TDK Electronics HF70ACB453215-T Datasheet HTML 2Page - TDK Electronics HF70ACB453215-T Datasheet HTML 3Page - TDK Electronics HF70ACB453215-T Datasheet HTML 4Page - TDK Electronics HF70ACB453215-T Datasheet HTML 5Page - TDK Electronics HF70ACB453215-T Datasheet HTML 6Page - TDK Electronics HF70ACB453215-T Datasheet HTML 7Page - TDK Electronics HF70ACB453215-T Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
(6/8)
20150203 / beads_commercial_signal_hfxxacb4532_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
HFxxACB4532 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Impedance
DC resistance
Rated current
Part No.
[100MHz]
(
:)
Tolerance
(
:)max.
(mA)max.
120
±25%
0.4
300
HF70ACB453215-T
125
±25%
0.4
300
HF50ACB453215-T
70
±25%
0.4
300
HF30ACB453215-T


Similar Part No. - HF70ACB453215-T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACB453215-T TDK-HF70ACB453215-T Datasheet
39Kb / 2P
   EMC Components
HF70ACB453215-T TDK-HF70ACB453215-T Datasheet
102Kb / 8P
   Chip Beads
HF70ACB453215-T TDK-HF70ACB453215-T Datasheet
102Kb / 8P
   Chip Beads
HF70ACB453215-TL TDK-HF70ACB453215-TL Datasheet
39Kb / 2P
   EMC Components
HF70ACB453215-T TDK-HF70ACB453215-T_15 Datasheet
102Kb / 8P
   Chip Beads
More results

Similar Description - HF70ACB453215-T

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFEB322513 XFMRS-XFEB322513 Datasheet
30Kb / 1P
   CHIP BEADS
XFEB451616 XFMRS-XFEB451616 Datasheet
31Kb / 1P
   CHIP BEADS
logo
TDK Electronics
HF70ACC201209-T TDK-HF70ACC201209-T_15 Datasheet
97Kb / 8P
   Chip Beads
HF70ACC321611-T TDK-HF70ACC321611-T Datasheet
96Kb / 8P
   Chip Beads
HF30ACB321611-T TDK-HF30ACB321611-T_15 Datasheet
102Kb / 8P
   Chip Beads
HF50ACB453215-T TDK-HF50ACB453215-T_15 Datasheet
102Kb / 8P
   Chip Beads
logo
Fair-Rite Products Corp...
2504021027Y0 FAIR-RITE-2504021027Y0 Datasheet
1Mb / 3P
   Chip Beads
2508052027Y1 FAIR-RITE-2508052027Y1 Datasheet
1Mb / 3P
   Chip Beads
2506031217H0 FAIR-RITE-2506031217H0_18 Datasheet
1Mb / 3P
   Chip Beads
2508051017Y0 FAIR-RITE-2508051017Y0_18 Datasheet
1Mb / 3P
   Chip Beads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com