Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF6.0A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SMF6.0A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMF6.0A Datasheet(HTML) 2 Page - Nanjing International Group Co

  SMF6.0A Datasheet HTML 1Page - Nanjing International Group Co SMF6.0A Datasheet HTML 2Page - Nanjing International Group Co SMF6.0A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS ( T
L = 30 °C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Working Peak
Test
Max. Reverse
Max. Clamping
Max. Reverse
Reverse
Current
Leakage Current
Voltage at IPP
Peak Pulse
Voltage
(1)
Current
(3)
VRWM
IT
IR @ VRWM
VC
IPP
(V)
Min
Nom
Max.
(mA)
( A)
(V)
(mA)
SMF5.0A
5.0
6.40
6.70
7.00
10
400
9.2
21.7
SMF6.0A
6.0
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5A
6.5
7.22
7.60
7.98
10
250
11.2
17.9
SMF7.0A
7.0
7.78
8.20
8.60
10
100
12.0
16.7
SMF7.5A
7.5
8.33
8.77
9.21
1.0
50
12.9
15.5
SMF8.0A
8.0
8.89
9.36
9.83
1.0
25
13.6
14.7
SMF8.5A
8.5
9.44
9.92
10.4
1.0
10
14.4
13.9
SMF9.0A
9.0
10.0
10.55
11.1
1.0
5.0
15.4
13.0
SMF10A
10
11.1
11.70
12.3
1.0
2.5
17.0
11.8
SMF11A
11
12.2
12.85
13.5
1.0
2.5
18.2
11.0
SMF12A
12
13.3
14.00
14.7
1.0
2.5
19.9
10.1
SMF13A
13
14.4
15.15
15.9
1.0
1.0
21.5
9.3
SMF14A
14
15.6
16.40
17.2
1.0
1.0
23.2
8.6
SMF15A
15
16.7
17.60
18.5
1.0
1.0
24.4
8.2
SMF16A
16
17.8
18.75
19.7
1.0
1.0
26.0
7.7
SMF17A
17
18.9
19.90
20.9
1.0
1.0
27.6
7.2
SMF18A
18
20.0
21.00
22.1
1.0
1.0
29.2
6.8
SMF20A
20
22.2
23.35
24.5
1.0
1.0
32.4
6.2
SMF22A
22
24.4
25.60
26.9
1.0
1.0
35.5
5.6
SMF24A
24
26.7
28.10
29.5
1.0
1.0
38.9
5.1
SMF26A
26
28.9
30.40
31.9
1.0
1.0
42.1
4..8
SMF28A
28
31.1
32.80
34.4
1.0
1.0
45.4
4.4
SMF30A
30
33.3
35.10
36.8
1.0
1.0
48.4
4.1
SMF33A
33
36.7
38.70
40.6
1.0
1.0
53.3
3.8
SMF36A
36
40.0
42.10
44.2
1.0
1.0
58.1
3.4
SMF40A
40
44.4
46.80
49.1
1.0
1.0
64.5
3.1
SMF43A
43
47.8
50.30
52.8
1.0
1.0
69.4
2.9
SMF45A
45
50.0
52.65
55.3
1.0
1.0
72.7
2.8
SMF48A
48
53.3
56.10
58.9
1.0
1.0
77.4
2.6
SMF51A
51
56.7
59.70
62.7
1.0
1.0
82.4
2.4
SMF54A
54
60.0
63.15
66.3
1.0
1.0
87.1
2.3
SMF58A
58
64.4
67.80
71.2
1.0
1.0
93.6
2.1
SMF60A
60
66.7
70.20
73.7
1.0
1.0
96.8
1.8
SMF64A
64
71.1
74.85
78.6
1.0
1.0
103
1.7
SMF70A
70
77.8
81.90
86.0
1.0
1.0
113
1.5
SMF75A
75
83.3
87.70
92.1
1.0
1.0
121
1.4
SMF78A
78
86.7
91.25
95.8
1.0
1.0
126
1.4
SMF85A
85
94.4
99.20
104
1.0
1.0
137
1.3
SMF90A
90
100
105.50
111
1.0
1.0
146
1.2
SMF100A
100
111
117.00
123
1.0
1.0
162
1.1
SMF110A
110
122
128.50
135
1.0
1.0
177
1.0
SMF120A
120
133
140.00
147
1.0
1.0
193
0.9
SMF130A
130
144
151.50
159
1.0
1.0
209
8.0
SMF150A
150
167
176.00
185
1.0
1.0
243
0.7
SMF160A
160
178
187.50
197
1.0
1.0
259
0.7
SMF170A
170
189
199.00
209
1.0
1.0
275
0.6
Notes :
(1) A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or
greater than the DC or continuous peak operating voltage level.
(2) VBR measured at pulse test current IT at ambient temperature of 25 °C
(3) Surge current waveform per Fig. 2 and derate per Fig. 5.
Rev. 00 : February 28, 200
VBR @ IT
Type No.
Breakdown Voltage @ IT
MF170A
S
S F
M 5.0A -


Similar Part No. - SMF6.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF6.0A VISHAY-SMF6.0A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
Anova Technologies CO.,...
SMF6.0A ANOVA-SMF6.0A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SMF6.0A LUGUANG-SMF6.0A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Socay Electornics Co., ...
SMF6.0A SOCAY-SMF6.0A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
PACELEADER INDUSTRIAL
SMF6.0A PACELEADER-SMF6.0A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF6.0A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com