Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

126-93-424-41-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 126-93-424-41-001
Description  Dual-in-line sockets Open frame Wire-wrap posts with solder tails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

126-93-424-41-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  126-93-424-41-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
71
Series 126
Dual-in-line sockets
Open frame
Wire-wrap posts with solder tails
This socket is equipped
with contacts combining
two connection tech-
niques: up to three-level
wrapping plus PCB sold-
ering
Also suitable for use as an
interconnect socket with
intermediate wire-wrap
connections. Custom
lengths on request
Insertion characteristics:
4-finger standard
Platings
Sleeve
Clip
Pin
93
5
µm Sn Pb
0.75
µm Au
Ordering information
For complete part number see Order Codes list below
10
126-93-210-41-001
126-93-210-41-002
126-93-210-41-003
Fig. 1
12.6
5.08
7.6
4
126-93-304-41-001
126-93-304-41-002
126-93-304-41-003
Fig. 2
5.0
7.62 10.1
6
126-93-306-41-001
126-93-306-41-002
126-93-306-41-003
Fig. 3
7.6
7.62 10.1
8
126-93-308-41-001
126-93-308-41-002
126-93-308-41-003
Fig. 4
10.1
7.62 10.1
10
126-93-310-41-001
126-93-310-41-002
126-93-310-41-003
Fig. 5
12.6
7.62 10.1
12
126-93-312-41-001
126-93-312-41-002
126-93-312-41-003
aFig. 5a
15.2
7.62 10.1
14
126-93-314-41-001
126-93-314-41-002
126-93-314-41-003
Fig. 6
17.7
7.62 10.1
16
126-93-316-41-001
126-93-316-41-002
126-93-316-41-003
Fig. 7
20.3
7.62 10.1
18
126-93-318-41-001
126-93-318-41-002
126-93-318-41-003
Fig. 8
22.8
7.62 10.1
20
126-93-320-41-001
126-93-320-41-002
126-93-320-41-003
Fig. 9
25.3
7.62 10.1
22
126-93-322-41-001
126-93-322-41-002
126-93-322-41-003
Fig. 10
27.8
7.62 10.1
24
126-93-324-41-001
126-93-324-41-002
126-93-324-41-003
Fig. 11
30.4
7.62 10.1
28
126-93-328-41-001
126-93-328-41-002
126-93-328-41-003
Fig. 12
35.5
7.62 10.1
20
126-93-420-41-001
126-93-420-41-002
126-93-420-41-003
aFig. 12a
25.3 10.16 12.6
22
126-93-422-41-001
126-93-422-41-002
126-93-422-41-003
Fig. 13
27.8 10.16 12.6
24
126-93-424-41-001
126-93-424-41-002
126-93-424-41-003
Fig. 14
30.4 10.16 12.6
28
126-93-428-41-001
126-93-428-41-002
126-93-428-41-003
Fig. 15
35.5 10.16 12.6
32
126-93-432-41-001
126-93-432-41-002
126-93-432-41-003
Fig. 16
40.6 10.16 12.6
10
126-93-610-41-001
126-93-610-41-002
126-93-610-41-003
aFig. 16a
12.6 15.24 17.7
24
126-93-624-41-001
126-93-624-41-002
126-93-624-41-003
Fig. 17
30.4 15.24 17.7
28
126-93-628-41-001
126-93-628-41-002
126-93-628-41-003
Fig. 18
35.5 15.24 17.7
32
126-93-632-41-001
126-93-632-41-002
126-93-632-41-003
Fig. 19
40.6 15.24 17.7
36
126-93-636-41-001
126-93-636-41-002
126-93-636-41-003
Fig. 20
45.7 15.24 17.7
40
126-93-640-41-001
126-93-640-41-002
126-93-640-41-003
Fig. 21
50.6 15.24 17.7
42
126-93-642-41-001
126-93-642-41-002
126-93-642-41-003
Fig. 22
53.2 15.24 17.7
48
126-93-648-41-001
126-93-648-41-002
126-93-648-41-003
Fig. 23
60.9 15.24 17.7
50
126-93-650-41-001
126-93-650-41-002
126-93-650-41-003
Fig. 24
63.4 15.24 17.7
52
126-93-652-41-001
126-93-652-41-002
126-93-652-41-003
Fig. 25
65.9 15.24 17.7
50
126-93-950-41-001
126-93-950-41-002
126-93-950-41-003
Fig. 26
63.4 22.86 25.3
52
126-93-952-41-001
126-93-952-41-002
126-93-952-41-003
Fig. 27
65.9 22.86 25.3
64
126-93-964-41-001
126-93-964-41-002
126-93-964-41-003
Fig. 28
81.1 22.86 25.3
No.
Order Codes
Insulator
of
dimen-
poles
Plating 93
Plating 93
Plating 93
sions
L = 5.9
L = 8.9
L = 11.9
See
ABC
1 Level
2 Level
3 Level
page 50
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B


Similar Part No. - 126-93-424-41-001

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
126-03501 HELLERMANNTYTON-126-03501 Datasheet
63Kb / 4P
   1-Pc Cable Tie/Fir Tree Mount, 8L, 0.25 - 0.28 Mounting Hole, 50lb, PA66HS, Black, 1000/pkg
logo
Winchester Electronics ...
126-1-1 WINCHESTER-126-1-1 Datasheet
82Kb / 2P
   TNC ANGLE PLUG
126-1-2 WINCHESTER-126-1-2 Datasheet
82Kb / 2P
   TNC ANGLE PLUG
126-1-3 WINCHESTER-126-1-3 Datasheet
82Kb / 2P
   TNC ANGLE PLUG
126-1-4 WINCHESTER-126-1-4 Datasheet
82Kb / 2P
   TNC ANGLE PLUG
More results

Similar Description - 126-93-424-41-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
153-90-210-00-001 PREDIP-153-90-210-00-001 Datasheet
42Kb / 1P
   Dual-in-line pin / slotted / turret / solder cup headers / open frame / solder tail / wire-wrap posts
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
121-93-210-41-001 PREDIP-121-93-210-41-001 Datasheet
47Kb / 1P
   Dual-in-line sockets Open frame Wire-wrap 1 / 2 / 3 / 4 level
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
logo
Aries Electronics, Inc.
501 ARIES-501 Datasheet
610Kb / 1P
   Bifurcated Contacts in Standard DIP Sockets with Solder Tails or Wire Wrap Pins
logo
Precid-Dip Durtal SA
111-91-210-41-001 PREDIP-111-91-210-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets for multilayer PCB Open frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com