Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16480BMLZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16480BMLZ
Description  Ten Degrees of Freedom Inertial Sensor with Dynamic Orientation Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480BMLZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16480BMLZ Datasheet HTML 1Page - Analog Devices ADIS16480BMLZ Datasheet HTML 2Page - Analog Devices ADIS16480BMLZ Datasheet HTML 3Page - Analog Devices ADIS16480BMLZ Datasheet HTML 4Page - Analog Devices ADIS16480BMLZ Datasheet HTML 5Page - Analog Devices ADIS16480BMLZ Datasheet HTML 6Page - Analog Devices ADIS16480BMLZ Datasheet HTML 7Page - Analog Devices ADIS16480BMLZ Datasheet HTML 8Page - Analog Devices ADIS16480BMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADIS16480
Data Sheet
Rev. E | Page 4 of 44
SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, angular rate = 0°/sec, dynamic range = ±450°/sec ± 1 g, 300 mbar to 1100 mbar, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANGLE OUTPUTS
Euler Dynamic Range
Yaw and roll (Euler)
±180
Degrees
Pitch (Euler)
±90
Degrees
Rotation matrix, quaternion
±180
Degree
Sensitivity
0.0055
Degrees/LSB
Static Accuracy1
Pitch and roll
0.1
Degrees
Yaw
0.3
Degrees
Dynamic Accuracy1
Pitch and roll
0.3
Degrees
Yaw
0.5
Degrees
GYROSCOPES
Dynamic Range
±450
±480
°/sec
Sensitivity
x_GYRO_OUT and x_GYRO_LOW (32-bit)
3.052 × 10−7
°/sec/LSB
Repeatability2
−40°C ≤ TA ≤ +85°C
±1
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C, 1 σ
±35
ppm/°C
Misalignment
Axis to axis
±0.05
Degrees
Axis to frame (package)
±1.0
Degrees
Nonlinearity
Best-fit straight line, FS = 450°/sec
0.01
% of FS
Initial Bias Error
±0.2
°/sec
In-Run Bias Stability
1 σ
6.25
°/hr
Angular Random Walk
1 σ
0.3
°/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C, 1 σ
±0.0025
°/sec/°C
Linear Acceleration Effect on Bias
Any axis, 1 σ (CONFIG[7] = 1)
0.009
°/sec/g
Output Noise
No filtering
0.16
°/sec rms
Rate Noise Density
f = 25 Hz, no filtering
0.0066
°/sec/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
18
kHz
ACCELEROMETERS
Each axis
Dynamic Range
±10
g
Sensitivity
x_ACCL_OUT and x_ACCL_LOW (32-bit)
1.221 × 10−8
g/LSB
Repeatability
−40°C ≤ TA ≤ +85°C
±0.5
%
Sensitivity Temperature Coefficient
−40°C ≤ TA ≤ +85°C, 1 σ
±25
ppm/°C
Misalignment
Axis to axis
±0.035
Degrees
Axis to frame (package)
±1.0
Degrees
Nonlinearity
Best-fit straight line, ±10 g
0.1
% of FS
Bias Repeatability3
−40°C ≤ TA ≤ +85°C, 1 σ
±16
mg
In-Run Bias Stability
1 σ
0.1
mg
Velocity Random Walk
1 σ
0.029
m/sec/√hr
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C
±0.1
mg/°C
Output Noise
No filtering
1.5
mg rms
Noise Density
f = 25 Hz, no filtering
0.067
mg/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
5.5
kHz


Similar Part No. - ADIS16480BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480/PCBZ AD-ADIS16480/PCBZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16480AMLZ AD-ADIS16480AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16480BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16480 AD-ADIS16480 Datasheet
961Kb / 40P
   Ten Degrees of Freedom Inertial Sensor
REV. 0
ADIS16488 AD-ADIS16488 Datasheet
793Kb / 36P
   Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
   Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16407 AD-ADIS16407 Datasheet
459Kb / 24P
   Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
REV. A
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16489 AD-ADIS16489 Datasheet
992Kb / 40P
   Seven Degrees of Freedom Inertial Sensor
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com