Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC45SL3JD471DYGNA Datasheet(PDF) 3 Page - TDK Electronics

Part # CC45SL3JD471DYGNA
Description  High Voltage Ceramic Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC45SL3JD471DYGNA Datasheet(HTML) 3 Page - TDK Electronics

  CC45SL3JD471DYGNA Datasheet HTML 1Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 2Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 3Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 4Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 5Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 6Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 7Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 8Page - TDK Electronics CC45SL3JD471DYGNA Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
20160219 / leaddisc_commercial_cc45_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Disc Type Capacitors with Lead
High Voltage Ceramic Capacitors, Commercial Grade, Low dissipation at high frequency
FEATURES
Low dissipation factor, and decreased self-heating temperature in the high frequency, and high voltage application.
The rated voltage of 6kV series have been added the rated voltage of 3kV series.
These products shall conform to RoHS Directive due to lead(Pb) free of lead wire and internal solder material.
Compatible with halogen-free external resin coating.
APPLICATION
For use in snubber circuit protection for power supplies
PART NUMBER CONSTRUCTION
Please refer to P-5~8 about the product dimensions.
OPERATING TEMPERATURE RANGE
The maximum operating temperature of 125°C includes capacitor self-generated heat of up to 20°C.
The storage temperature range applies to after MLCC is mounted on board.
PACKAGE QUANTITY
Overview of CC45 Series
CC45
SL
3AD
101
J
Y
NA
Series
name
Temperature
characteristics
Rated
voltage
Nominal
capacitance
Capacitance
tolerance
Class
Lead type
Application
classification
Internal code
SL
+350 to
–1000ppm/°C
3AD
1kV
030
3pF
C ±0.25pF
G
Long lead
N
General use
A Halogen-free
3DD
2kV
220
22pF
D
±0.5pF
N
Short lead
3FD
3kV
471
470pF
J
±5%
V
Taping
3JD
6kV
Temperature
characteristics
Temperature range
Operating temperature
(°C)
Storage temperature
(°C)
SL
–25 to +125
–25 to +125
Type
Package quantity
Taping (pieces / box)
Bulk (pieces / bag)
CC45
1000
1000
Product compatible with RoHS directive
Halogen-free
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - CC45SL3JD471DYGNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
More results

Similar Description - CC45SL3JD471DYGNA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com