Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME1X205K440VAC Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # ME1X205K440VAC
Description  EMI Suppression Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ME1X205K440VAC Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  ME1X205K440VAC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ME1X205K440VAC Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev. 7b
EMI Suppression Capacitors
MERITEK
ME1X Series
Class-X1
RoHS
350VAC
P/N
SIZE
µF
W±0.5
H±0.5
T±0.5
P±0.5
D±0.05
ME1X472K350VACS
0.0047
13
11
5
10
0.6
ME1X472K350VAC
0.0047
18
10
5
15
0.8
ME1X103K350VACS
0.01
13
11
5
10
0.6
ME1X103K350VAC
0.01
18
10
5
15
0.8
ME1X153K350VACS
0.015
13
11
5
10
0.6
ME1X153K350VAC
0.015
18
10
5
15
0.8
ME1X223K350VACS
0.022
13
11
5
10
0.6
ME1X223K350VAC
0.022
17
11
5.5
15
0.8
ME1X333K350VACS
0.033
13
11
5
10
0.6
ME1X333K350VAC
0.033
18
10
5
15
0.8
ME1X473K350VACS
0.047
13
12
6
10
0.6
ME1X473K350VAC
0.047
18
10
5
15
0.8
ME1X683K350VACS
0.068
12
14
8
10
0.6
ME1X683K350VAC
0.068
17
11
5.5
15
0.8
ME1X823K350VAC
0.082
18
12
6
15
0.8
ME1X104K350VAC
0.1
18
13.5
6
15
0.8
ME1X154K350VAC
0.15
17
15.5
7.5
15
0.8
ME1X224K350VACS
0.22
18
16.5
8.5
15
0.8
ME1X224K350VAC
0.22
26.5
16.5
7
22.5
0.8
ME1X334K350VACS
0.33
17
19
11
15
0.8
ME1X334K350VAC
0.33
26.5
17
8.5
22.5
0.8
ME1X474K350VACS
0.47
26.5
19
10
22.5
0.8
ME1X474K350VAC
0.47
31.5
20
11
27.5
0.8
ME1X564K350VACS
0.56
26
22
12
22.5
0.8
ME1X564K350VAC
0.56
31.5
20
11
27.5
0.8
ME1X684K350VACS
0.68
26
22
12
22.5
0.8
ME1X684K350VAC
0.68
31.5
20
11
27.5
0.8
ME1X824K350VAC
0.82
31.5
22.5
13
27.5
0.8
ME1X105K350VACS
1.0
31.5
22.5
13
27.5
0.8
ME1X105K350VAC
1.0
37
24
13.5
32.5
0.8
* Notes: Customized dimensions might be available upon request.
Unit: mm


Similar Part No. - ME1X205K440VAC

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
ME1-100T DIT-ME1-100T Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-100TA DIT-ME1-100TA Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-100TAX DIT-ME1-100TAX Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-200T DIT-ME1-200T Datasheet
1Mb / 2P
   EMI/EMC FILTER
ME1-200TA DIT-ME1-200TA Datasheet
1Mb / 2P
   EMI/EMC FILTER
More results

Similar Description - ME1X205K440VAC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com