Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5200 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SR5200
Description  5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SR5200 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SR5200 Datasheet HTML 1Page - Nanjing International Group Co SR5200 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.
00 grams
S
R520
S
R5200
THRU
Typical Thermal Resistance R JA (Note 2)
θ
VOLTAGE RANGE
20 to
200 Volts
CURRENT
5.0 Amperes
DO-27
Dimensions in inches and (millimeters)
0.945(24.0)
MIN.
0.945(24.0)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.04
3(1.1)
DIA.
.220(5.6)
.197(5.0)
DIA.
A
A
V
uA
mA
pF
5.0
150
100
5
10
-65
+150
-65
+150
0.5
0
380
S
R520 SR540 SR560 SR580 SR5100 SR5150 SR5200 UNITS
20
40
60
80
100
1
50
200
V
20
40
60
80
100
1
50
200
V
14
32
42
56
70
105
140
V
0.
65
0.
75
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - SR5200

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SR5200 FORMOSA-SR5200 Datasheet
59Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR5200 SAMYANG-SR5200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SR5200 JINGHENG-SR5200 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SR5200 ZSELEC-SR5200 Datasheet
98Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
SR5200 JINANJINGHENG-SR5200 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results

Similar Description - SR5200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580L.5A-DO-27 DGNJDZ-SR580L.5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5200L-5A-DO-27 DGNJDZ-SR5200L-5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB520-5A-DO-27 DGNJDZ-SB520-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com