Electronic Components Datasheet Search |
|
CC45SL3JD220CYVNA Datasheet(PDF) 3 Page - TDK Electronics |
|
CC45SL3JD220CYVNA Datasheet(HTML) 3 Page - TDK Electronics |
3 / 9 page (3/9) 20160219 / leaddisc_commercial_cc45_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS Disc Type Capacitors with Lead High Voltage Ceramic Capacitors, Commercial Grade, Low dissipation at high frequency FEATURES Low dissipation factor, and decreased self-heating temperature in the high frequency, and high voltage application. The rated voltage of 6kV series have been added the rated voltage of 3kV series. These products shall conform to RoHS Directive due to lead(Pb) free of lead wire and internal solder material. Compatible with halogen-free external resin coating. APPLICATION For use in snubber circuit protection for power supplies PART NUMBER CONSTRUCTION Please refer to P-5~8 about the product dimensions. OPERATING TEMPERATURE RANGE The maximum operating temperature of 125°C includes capacitor self-generated heat of up to 20°C. The storage temperature range applies to after MLCC is mounted on board. PACKAGE QUANTITY Overview of CC45 Series CC45 SL 3AD 101 J Y □ NA Series name Temperature characteristics Rated voltage Nominal capacitance Capacitance tolerance Class Lead type Application classification Internal code SL +350 to –1000ppm/°C 3AD 1kV 030 3pF C ±0.25pF G Long lead N General use A Halogen-free 3DD 2kV 220 22pF D ±0.5pF N Short lead 3FD 3kV 471 470pF J ±5% V Taping 3JD 6kV Temperature characteristics Temperature range Operating temperature (°C) Storage temperature (°C) SL –25 to +125 –25 to +125 Type Package quantity Taping (pieces / box) Bulk (pieces / bag) CC45 1000 1000 Product compatible with RoHS directive Halogen-free RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - CC45SL3JD220CYVNA |
|
Similar Description - CC45SL3JD220CYVNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |