Electronic Components Datasheet Search |
|
MLF2012D100MT000 Datasheet(PDF) 3 Page - TDK Electronics |
|
MLF2012D100MT000 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 11 page (3/11) INDUC T O RS 20150310 / inductor_commercial_standard_mlf2012_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. Inductors for Standard Circuits Multilayer Ferrite FEATURES The lineup includes a wide inductance range. Highly reliable monolithic structure with multilayer integration. APPLICATION Smart phones, tablet terminals, tuners, LCD-TVs, PDP-TVs, audio equipment, computers, signal processing for modules etc. PART NUMBER CONSTRUCTION OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT In case the product's inductance is 15μH or higher, both Operating and Storage temperature ranges are –40 to +85°C. The Storage temperature range is for after the circuit board is mounted. Product compatible with RoHS directive Halogen-free Compatible with lead-free solders Overview of MLF2012 Type MLF 2012 D 47N △ T000 Series name L×W×H Dimensions characteristics Inductance Inductance tolerance Packaging style Internal code (mm) (μH) 2012 2.0×1.25×0.85 A 10N 0.010 (10nH) J ±5% T Taping 000 2.0×1.25×1.25 C K ±10% D R10 0.1 M ±20% E1R0 1 K 100 10 Type Temperature range Package quantity Individual weight Operating temperature (°C) Storage temperature (°C) (pieces/reel) (mg) MLF2012 t=0.85 –55 to +125 –55 to +125 4,000 10 t=1.25 2,000 14 RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - MLF2012D100MT000 |
|
Similar Description - MLF2012D100MT000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |