Electronic Components Datasheet Search |
|
LQH5BPZ3R3NT0K Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
LQH5BPZ3R3NT0K Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page LQH5BPZ3R3NT0# # indicates a package specification code. < List of part numbers with package codes > LQH5BPZ3R3NT0L , LQH5BPZ3R3NT0K Shape L size 5.0 ±0.2mm W size 5.0 ±0.2mm T size 2.0 ±0.2mm Size code in inch (mm) 2020 (5050) Specifications Inductance 3.3µH ±30% Inductance test frequency 100kHz Rated current (Isat) (Based on Inductance change) 3.5A Rated current (Itemp) (Based on Temperature rise) 2.3A(Ambient temperature 85℃) 1.21A(Ambient temperature 105℃) Max. of DC resistance 0.0528Ω Avg. of DC resistance 0.044Ω±20% Self resonance frequency (min.) 40MHz Operating temperature range (Self-temperature rise is included) -40∼125℃ Operating temperature range (Self-temperature rise is not included) -40∼105℃ Class of magnetic shield Magnetic shield of magnetic powder in resin Notes When applied Rated current to the Products, Inductance will be within ±30% of initial Inductance value. When applied Rated current to the Products , self temperature rise shall be limited to 40℃ max. Keep the temperature(ambient temperature plus self-generation of heat) under 125℃ References Packaging code Specifications Minimum quantity φ180mm Embossed taping 500 φ330mm Embossed taping 3000 Mass (Typ.) 1 piece 0.22g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2016/04/21 |
Similar Part No. - LQH5BPZ3R3NT0K |
|
Similar Description - LQH5BPZ3R3NT0K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |